Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB2EZ10 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # 1SMB2EZ10
Description  GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SMB2EZ10 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  1SMB2EZ10 Datasheet HTML 1Page - Pan Jit International Inc. 1SMB2EZ10 Datasheet HTML 2Page - Pan Jit International Inc. 1SMB2EZ10 Datasheet HTML 3Page - Pan Jit International Inc. 1SMB2EZ10 Datasheet HTML 4Page - Pan Jit International Inc. 1SMB2EZ10 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PAGE . 4
MOUNTING PAD LAYOUT
• Packing information
T/R - 3K per 13" plastic Reel
T/R - 0.5Kper 7” plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.
1SMB2EZ6.8~1SMB2EZ51
STAD-FEB.10.2009
1


Similar Part No. - 1SMB2EZ10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMB2EZ10 PANJIT-1SMB2EZ10 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ10 TAYCHIPST-1SMB2EZ10 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB2EZ100 PANJIT-1SMB2EZ100 Datasheet
126Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 2.0 Watts)
logo
Transys Electronics
1SMB2EZ100 TRSYS-1SMB2EZ100 Datasheet
366Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMB2EZ100 PANJIT-1SMB2EZ100 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results

Similar Description - 1SMB2EZ10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ11 PANJIT-3EZ11_04 Datasheet
294Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB5913B TAYCHIPST-1SMB5913B Datasheet
13Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com