Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMC5342 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1SMC5342
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SMC5342 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1SMC5342_09 Datasheet HTML 1Page - Pan Jit International Inc. 1SMC5342_09 Datasheet HTML 2Page - Pan Jit International Inc. 1SMC5342_09 Datasheet HTML 3Page - Pan Jit International Inc. 1SMC5342_09 Datasheet HTML 4Page - Pan Jit International Inc. 1SMC5342_09 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
STAD-FEB.10.2009
1
1SMC5342~1SMC5369
FEATURES
• For surface mounted applications in order to optimize board space.
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• In compliance with EU RoHS 2002/95/EC directives
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
6.8 ~ 51 Volts
5.0 Watts
CURRENT
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
e
u
l
a
V
s
t
i
n
U
T
n
o
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
C
D
L
5
7
=
O
h
t
g
n
e
L
d
a
e
L
o
r
e
Z
t
a
e
r
u
s
a
e
M
,
C
5
7
e
v
o
b
a
e
t
a
r
e
D
O C
PD
0
.
5
s
t
t
a
W
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ ,TSTG
0
5
1
+
o
t
5
5
-
O C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
• Case: JEDEC DO-214AB,Molded plastic over passivated junction.
• Terminals: Solder plated,solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes positive end (cathode)
• Standard Packaging:16mm tape (EIA-481)
• Weight: 0.0082 ounce, 0.2325 gram
MECHANICAL DATA


Similar Part No. - 1SMC5342_09

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMC5342 PANJIT-1SMC5342 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMC5342 TAYCHIPST-1SMC5342 Datasheet
4Mb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - 1SMC5342_09

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com