Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMCJ120A Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 1.5SMCJ120A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1.5SMCJ120A Datasheet(HTML) 3 Page - Pan Jit International Inc.

  1.5SMCJ120A Datasheet HTML 1Page - Pan Jit International Inc. 1.5SMCJ120A Datasheet HTML 2Page - Pan Jit International Inc. 1.5SMCJ120A Datasheet HTML 3Page - Pan Jit International Inc. 1.5SMCJ120A Datasheet HTML 4Page - Pan Jit International Inc. 1.5SMCJ120A Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
STAD-APR.03.2009
1
1.5SMCJ SERIES
r
e
b
m
u
N
t
r
a
P
V RW M
V BR
I
@
T
IR @VRWM
VC @IPP
g
n
i
k
r
a
M
e
d
o
C
.
n
i
M
.
x
a
M
I T
-
I
N
U
-
I
B
-
I
N
U
-
I
B
V
V
V
A
m
µ
µ
µ
µ
µ A
µ
µ
µ
µ
µ A
V
A
-
I
N
U
-
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
5
1
3
4
J
C
M
S
5
.
1
C
3
4
J
C
M
S
5
.
1
3
4
8
.
7
4
1
6
1
1
1
7
.
6
7
6
.
9
1
S
F
G
S
F
B
A
3
4
J
C
M
S
5
.
1
A
C
3
4
J
C
M
S
5
.
1
3
4
8
.
7
4
5
5
1
1
1
4
.
9
6
6
.
1
2
T
F
G
T
F
B
5
4
J
C
M
S
5
.
1
C
5
4
J
C
M
S
5
.
1
5
4
0
5
3
6
1
1
1
3
.
0
8
7
.
8
1
U
F
G
U
F
B
A
5
4
J
C
M
S
5
.
1
A
C
5
4
J
C
M
S
5
.
1
5
4
0
5
5
.
7
5
1
1
1
7
.
2
7
6
.
0
2
V
F
G
V
F
B
8
4
J
C
M
S
5
.
1
C
8
4
J
C
M
S
5
.
1
8
4
3
.
3
5
5
.
7
6
1
1
1
5
.
5
8
5
.
7
1
W
F
G
W
F
B
A
8
4
J
C
M
S
5
.
1
A
C
8
4
J
C
M
S
5
.
1
8
4
3
.
3
5
3
.
1
6
1
1
1
4
.
7
7
4
.
9
1
X
F
G
X
F
B
1
5
J
C
M
S
5
.
1
C
1
5
J
C
M
S
5
.
1
1
5
7
.
6
5
8
.
1
7
1
1
1
1
.
1
9
5
.
8
1
Y
F
G
Y
F
B
A
1
5
J
C
M
S
5
.
1
A
C
1
5
J
C
M
S
5
.
1
1
5
7
.
6
5
2
.
5
6
1
1
1
4
.
2
8
2
.
8
1
Z
F
G
Z
F
B
4
5
J
C
M
S
5
.
1
C
4
5
J
C
M
S
5
.
1
4
5
0
6
6
7
1
1
1
3
.
6
9
6
.
5
1
D
G
G
D
G
B
A
4
5
J
C
M
S
5
.
1
A
C
4
5
J
C
M
S
5
.
1
4
5
0
6
9
6
1
1
1
1
.
7
8
2
.
7
1
E
G
G
E
G
B
8
5
J
C
M
S
5
.
1
C
8
5
J
C
M
S
5
.
1
8
5
4
.
4
6
6
.
1
8
1
1
1
3
0
1
6
.
4
1
F
G
G
F
G
B
A
8
5
J
C
M
S
5
.
1
A
C
8
5
J
C
M
S
5
.
1
8
5
4
.
4
6
1
.
4
7
1
1
1
6
.
3
9
6
1
G
G
G
G
G
B
0
6
J
C
M
S
5
.
1
C
0
6
J
C
M
S
5
.
1
0
6
7
.
6
6
5
.
4
8
1
1
1
7
0
1
4
1
H
G
G
H
G
B
A
0
6
J
C
M
S
5
.
1
A
C
0
6
J
C
M
S
5
.
1
0
6
7
.
6
6
7
.
6
7
1
1
1
8
.
6
9
5
.
5
1
K
G
G
K
G
B
4
6
J
C
M
S
5
.
1
C
4
6
J
C
M
S
5
.
1
4
6
1
.
1
7
1
.
0
9
1
1
1
4
1
1
2
.
3
1
L
G
G
L
G
B
A
4
6
J
C
M
S
5
.
1
A
C
4
6
J
C
M
S
5
.
1
4
6
1
.
1
7
8
.
1
8
1
1
1
3
0
1
6
.
4
1
M
G
G
M
G
B
0
7
J
C
M
S
5
.
1
C
0
7
J
C
M
S
5
.
1
0
7
8
.
7
7
6
.
8
9
1
1
1
5
2
1
2
1
N
G
G
N
G
B
A
0
7
J
C
M
S
5
.
1
A
C
0
7
J
C
M
S
5
.
1
0
7
8
.
7
7
5
.
9
8
1
1
1
3
1
1
3
.
3
1
P
G
G
P
G
B
5
7
J
C
M
S
5
.
1
C
5
7
J
C
M
S
5
.
1
5
7
3
.
3
8
7
.
5
0
1
1
1
1
4
3
1
2
.
1
1
Q
G
G
Q
G
B
A
5
7
J
C
M
S
5
.
1
A
C
5
7
J
C
M
S
5
.
1
5
7
3
.
3
8
8
.
5
9
1
1
1
1
2
1
4
.
2
1
R
G
G
R
G
B
8
7
J
C
M
S
5
.
1
C
8
7
J
C
M
S
5
.
1
8
7
7
.
6
8
8
.
9
0
1
1
1
1
9
3
1
8
.
0
1
S
G
G
S
G
B
A
8
7
J
C
M
S
5
.
1
A
C
8
7
J
C
M
S
5
.
1
8
7
7
.
6
8
7
.
9
9
1
1
1
6
2
1
4
.
1
1
T
G
G
T
G
B
5
8
J
C
M
S
5
.
1
C
5
8
J
C
M
S
5
.
1
5
8
4
.
4
9
2
.
9
1
1
1
1
1
1
5
1
9
.
9
U
G
G
U
G
B
A
5
8
J
C
M
S
5
.
1
A
C
5
8
J
C
M
S
5
.
1
5
8
4
.
4
9
2
.
8
0
1
1
1
1
7
3
1
4
.
0
1
V
G
G
V
G
B
0
9
J
C
M
S
5
.
1
C
0
9
J
C
M
S
5
.
1
0
9
0
0
1
5
.
6
2
1
1
1
1
0
6
1
4
.
9
W
G
G
W
G
B
A
0
9
J
C
M
S
5
.
1
A
C
0
9
J
C
M
S
5
.
1
0
9
0
0
1
5
.
5
1
1
1
1
1
6
4
1
3
.
0
1
X
G
G
X
G
B
0
0
1
J
C
M
S
5
.
1
C
0
0
1
J
C
M
S
5
.
1
0
0
1
1
1
1
1
4
1
1
1
1
9
7
1
4
.
8
Y
G
G
Y
G
B
A
0
0
1
J
C
M
S
5
.
1
A
C
0
0
1
J
C
M
S
5
.
1
0
0
1
1
1
1
8
2
1
1
1
1
2
6
1
3
.
9
Z
G
G
Z
G
B
0
1
1
J
C
M
S
5
.
1
C
0
1
1
J
C
M
S
5
.
1
0
1
1
2
2
1
5
.
4
5
1
1
1
1
6
9
1
7
.
7
D
H
G
D
H
B
A
0
1
1
J
C
M
S
5
.
1
A
C
0
1
1
J
C
M
S
5
.
1
0
1
1
2
2
1
5
.
0
4
1
1
1
1
7
7
1
4
.
8
E
H
G
E
H
B
0
2
1
J
C
M
S
5
.
1
C
0
2
1
J
C
M
S
5
.
1
0
2
1
3
3
1
9
6
1
1
1
1
4
1
2
7
F
H
G
F
H
B
A
0
2
1
J
C
M
S
5
.
1
A
C
0
2
1
J
C
M
S
5
.
1
0
2
1
3
3
1
3
5
1
1
1
1
3
9
1
9
.
7
G
H
G
G
H
B
0
3
1
J
C
M
S
5
.
1
C
0
3
1
J
C
M
S
5
.
1
0
3
1
4
4
1
5
.
2
8
1
1
1
1
1
3
2
5
.
6
H
H
G
H
H
B
A
0
3
1
J
C
M
S
5
.
1
A
C
0
3
1
J
C
M
S
5
.
1
0
3
1
4
4
1
5
.
5
6
1
1
1
1
9
0
2
2
.
7
K
H
G
K
H
B
0
5
1
J
C
M
S
5
.
1
C
0
5
1
J
C
M
S
5
.
1
0
5
1
7
6
1
5
.
1
1
2
1
1
1
8
6
2
6
.
5
L
H
G
L
H
B
A
0
5
1
J
C
M
S
5
.
1
A
C
0
5
1
J
C
M
S
5
.
1
0
5
1
7
6
1
5
.
2
9
1
1
1
1
3
4
2
2
.
6
M
H
G
M
H
B
0
6
1
J
C
M
S
5
.
1
C
0
6
1
J
C
M
S
5
.
1
0
6
1
8
7
1
6
2
2
1
1
1
7
8
2
2
.
5
N
H
G
N
H
B
A
0
6
1
J
C
M
S
5
.
1
A
C
0
6
1
J
C
M
S
5
.
1
0
6
1
8
7
1
5
0
2
1
1
1
9
5
2
8
.
5
P
H
G
P
H
B
0
7
1
J
C
M
S
5
.
1
C
0
7
1
J
C
M
S
5
.
1
0
7
1
9
8
1
5
.
9
3
2
1
1
1
4
0
3
9
.
4
Q
H
G
Q
H
B
A
0
7
1
J
C
M
S
5
.
1
A
C
0
7
1
J
C
M
S
5
.
1
0
7
1
9
8
1
5
.
7
1
2
1
1
1
5
7
2
5
.
5
R
H
G
R
H
B
0
8
1
J
C
M
S
5
.
1
C
0
8
1
J
C
M
S
5
.
1
0
8
1
8
9
1
8
.
3
5
2
1
1
1
2
2
3
7
.
4
S
H
G
S
H
B
A
0
8
1
J
C
M
S
5
.
1
A
C
0
8
1
J
C
M
S
5
.
1
0
8
1
8
9
1
4
.
0
3
2
1
1
1
2
9
2
1
.
5
T
H
G
T
H
B
0
9
1
J
C
M
S
5
.
1
C
0
9
1
J
C
M
S
5
.
1
0
9
1
9
0
2
9
.
7
6
2
1
1
1
0
4
3
4
.
4
U
H
G
U
H
B
A
0
9
1
J
C
M
S
5
.
1
A
C
0
9
1
J
C
M
S
5
.
1
0
9
1
9
0
2
2
.
3
4
2
1
1
1
8
0
3
8
.
4
V
H
G
V
H
B
0
0
2
J
C
M
S
5
.
1
C
0
0
2
J
C
M
S
5
.
1
0
0
2
0
2
2
2
8
2
1
1
1
8
5
3
1
.
4
W
H
G
W
H
B
A
0
0
2
J
C
M
S
5
.
1
A
C
0
0
2
J
C
M
S
5
.
1
0
0
2
0
2
2
6
5
2
1
1
1
4
2
3
6
.
4
X
H
G
X
H
B
0
1
2
J
C
M
S
5
.
1
C
0
1
2
J
C
M
S
5
.
1
0
1
2
1
3
2
1
.
6
9
2
1
1
1
6
7
3
4
Y
H
G
Y
H
B
A
0
1
2
J
C
M
S
5
.
1
A
C
0
1
2
J
C
M
S
5
.
1
0
1
2
1
3
2
8
.
8
6
2
1
1
1
0
4
3
4
.
4
Z
H
G
Z
H
B
0
2
2
J
C
M
S
5
.
1
C
0
2
2
J
C
M
S
5
.
1
0
2
2
2
4
2
2
.
0
1
3
1
1
1
4
9
3
8
.
3
D
I
G
D
I
B
A
0
2
2
J
C
M
S
5
.
1
A
C
0
2
2
J
C
M
S
5
.
1
0
2
2
2
4
2
6
.
1
8
2
1
1
1
6
5
3
2
.
4
E
I
G
E
I
B


Similar Part No. - 1.5SMCJ120A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMCJ120A PANJIT-1.5SMCJ120A Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Won-Top Electronics
1.5SMCJ120A WTE-1.5SMCJ120A Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotec Semiconductor
1.5SMCJ120A DIOTEC-1.5SMCJ120A Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5SMCJ120A WTE-1.5SMCJ120A Datasheet
80Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5SMCJ120A PANJIT-1.5SMCJ120A Datasheet
112Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5SMCJ120A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3.0SMCJ PANJIT-3.0SMCJ_09 Datasheet
153Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP PANJIT-3KP_09 Datasheet
86Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
2.0SMCJ22A PANJIT-2.0SMCJ22A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
3.0SMCJ_SERIES PANJIT-3.0SMCJ_SERIES_14 Datasheet
240Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
5.0SMCJ_SERIES PANJIT-5.0SMCJ_SERIES_14 Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5SMCJ-AU PANJIT-1.5SMCJ-AU Datasheet
244Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
5.0SMCJ PANJIT-5.0SMCJ Datasheet
158Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com