Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS417TM Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1SS417TM
Description  HIGH SPEED SWITCHING APPLICATION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SS417TM Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1SS417TM Datasheet HTML 1Page - Pan Jit International Inc. 1SS417TM Datasheet HTML 2Page - Pan Jit International Inc. 1SS417TM Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.1-FEB.24.2009
1SS417TM
HIGH SPEED SWITCHING APPLICATION
FEATURES
• Small package
• Low forward voltage : VF(3)=0.56V(typ.)
• Low reverse current : I R=5
µA (Max.)
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case : SOD-923, Plastic
• Terminals : Solderable per MIL-STD-750, Method 2026
• Approx. Weight : 0.0004gram
• Marking : 4
MAXIMUM RATINGS (TA=25oC)
ELECTRICAL CHARACTERISTICS (TA=25oC)
0.034(0.85)
0.029(0.75)
0.018(0.45)
0.013(0.35)
0.042(1.05)
0.037(0.95)
SO D - 9 2 3
C
I
T
S
I
R
E
T
C
A
R
A
H
C
L
O
B
M
Y
S
G
N
I
T
A
R
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
)
k
a
e
P
(
m
u
m
i
x
a
M
V RM
5
4
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
V R
0
4
V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
)
k
a
e
P
(
m
u
m
i
x
a
M
I FS M
0
0
2
A
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
I O
0
0
1
A
m
)
s
m
0
1
(
t
n
e
r
r
u
C
e
g
r
u
S
I FS M
1
A
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
PP
0
0
1
W
m
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
e
g
n
a
R
TJ T
, STG
5
2
1
+
o
t
5
5
-
O C
C
I
T
S
I
R
E
T
C
A
R
A
H
C
L
O
B
M
Y
S
S
N
O
I
T
I
D
N
O
C
T
S
E
T
N
I
M
P
Y
T
X
A
M
T
I
N
U
e
g
a
t
l
o
V
d
r
a
w
r
o
F
VF1
I F =1mA
-
8
2
.
0-
V
VF2
I F =0
1mA
-
6
3
.
0-
VF3
I F =0
5mA
-
6
5
.
02
6
.
0
t
n
e
r
r
u
C
e
s
r
e
v
e
R
I R
VR =0
4V
-
-5
µA
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
CJ
VR =z
H
M
1
=
f
,
0
-
5
1-
F
p


Similar Part No. - 1SS417TM

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SS417TM PANJIT-1SS417TM_16 Datasheet
122Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
1SS417TM_R1_00001 PANJIT-1SS417TM_R1_00001 Datasheet
122Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
1SS417TM_R1_00001 PANJIT-1SS417TM_R1_00001 Datasheet
121Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
June 2,2016-REV.03
1SS417TM PANJIT-1SS417TM_V01 Datasheet
121Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
June 2,2016-REV.03
More results

Similar Description - 1SS417TM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS392 TOSHIBA-1SS392_07 Datasheet
200Kb / 3P
   High Speed Switching Application
1SS388TPH3F TOSHIBA-1SS388TPH3F Datasheet
228Kb / 3P
   High Speed Switching Application
HN2S03FU TOSHIBA-HN2S03FU Datasheet
186Kb / 3P
   High Speed Switching Application
1SS417 TOSHIBA-1SS417_04 Datasheet
139Kb / 3P
   High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS367 KEXIN-1SS367 Datasheet
32Kb / 1P
   HIGH SPEED SWITCHING APPLICATION
logo
DONGGUAN YOU FENG WEI E...
1SS389 YFWDIODE-1SS389 Datasheet
317Kb / 2P
   HIGH SPEED SWITCHING APPLICATION
logo
SHIKUES Electronics
1SS388 SKTECHNOLGY-1SS388 Datasheet
562Kb / 2P
   High Speed Switching Application
logo
Shanghai Leiditech Elec...
BAS21S LEIDITECH-BAS21S Datasheet
486Kb / 3P
   High speed switching application
logo
Fairchild Semiconductor
KSC2333 FAIRCHILD-KSC2333 Datasheet
56Kb / 5P
   High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS395 KEXIN-1SS395 Datasheet
43Kb / 1P
   HIGH SPEED SWITCHING APPLICATION
logo
Toshiba Semiconductor
1SS416 TOSHIBA-1SS416 Datasheet
133Kb / 3P
   High Speed Switching Application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com