Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMC5359 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 1SMC5359
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SMC5359 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  1SMC5359 Datasheet HTML 1Page - Pan Jit International Inc. 1SMC5359 Datasheet HTML 2Page - Pan Jit International Inc. 1SMC5359 Datasheet HTML 3Page - Pan Jit International Inc. 1SMC5359 Datasheet HTML 4Page - Pan Jit International Inc. 1SMC5359 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
STAD-FEB.10.2009
1
1SMC5342~1SMC5369
RATING AND CHARACTERISTIC CURVES
0
5
10
20
30
50
100
200
300
400
20
40
60
80
100 120 140 160 180 200
RANGE
30
20
10
7
5
3
2
1
0.7
0.5
0.3
0.0001
0.0002
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
TIME (SECONDS)
TIME (SECONDS)
Fig.5-TYPICAL THERMAL RESPONSE
0
0.2
0.4
0.6
0.8
1
40
30
20
10
0
L,LEAD LENGTH TO HEAT SINK(INCH)
L,LEAD LENGTH TO HEAT SINK(INCH)
Fig.3-TYPICAL THERMAL RESISTANCE
3
4
6
8 10
20
30 40
60 80100
200
40
20
10
4
2
1
0.4
0.2
0.1
NOMINAL VZ(V)
Fig.4-MAXIMUM NON-REPETITIVE SURGE
CURRENT VERSUS NOMINAL ZENER VOLTAGE
Fig.4-MAXIMUM NON-REPETITIVE SURGE
CURRENT VERSUS NOMINAL ZENER VOLTAGE
0
0
30
60
90
120
150
8
6
4
2
TL,LEAD TEMPERATURE( C)
o
Fig.1-POWER TEMPERATURE DERATING CURVE
VZ,ZENER VOLTAGE@IZT(VOLTS)
Fig.2-TEMPERATURE COEFFICIENT-RANGE
MCUNTE ON 8.0mm
COPPER PADS TO
EACH TERMINAL
2
PW=1ms*
PW=1000ms*
PW=8.3ms*
SINE/SQUARE WAVE PW=100ms*
D=0.5
D=0
0.2
0.1
0.05
0.02
0.01
NOTE BELOW 0.1 SECOND,
THERMAL RESPONSE
CURVE IS APPLICABLE TO
ANY LEAD LENGTH(L)
DUTY CYCLE,D=t1/t2
SINGLE PULSE
TJL= JL(t)PPK
REPETITIVE PULSES
TJL= JL(t,D)PPK
r
r
Q
Q
PPK
t1
t2


Similar Part No. - 1SMC5359

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMC5359 PANJIT-1SMC5359 Datasheet
122Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 5.0 Watts)
logo
Transys Electronics
1SMC5359 TRSYS-1SMC5359 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMC5359 PANJIT-1SMC5359 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5359 PANJIT-1SMC5359 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5359 PANJIT-1SMC5359 Datasheet
47Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - 1SMC5359

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com