Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 2N7002
Description  60V N-Channel Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2N7002 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  2N7002_09 Datasheet HTML 1Page - Pan Jit International Inc. 2N7002_09 Datasheet HTML 2Page - Pan Jit International Inc. 2N7002_09 Datasheet HTML 3Page - Pan Jit International Inc. 2N7002_09 Datasheet HTML 4Page - Pan Jit International Inc. 2N7002_09 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
REV.0.1-FEB.3.2009
2N7002
ELECTRICALCHARACTERISTICS
VDD
VOUT
VIN
RG
RL
Switching
Test Circuit
Gate Charge
Test Circuit
VDD
VGS
RG
RL
1mA
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
c
i
t
a
t
S
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
c
r
u
o
S
-
n
i
a
r
DV
B
S
S
D
V
S
G
I
,
V
0
=
D
A
u
0
1
=0
6-
-
V
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
e
t
a
GV
)
h
t
(
S
G
V
S
D
V
=
S
G
I
,
D
A
u
0
5
2
=1
-
5
.
2V
e
c
n
a
t
s
i
s
e
R
e
t
a
t
S
-
n
O
e
c
r
u
o
S
-
n
i
a
r
DR
)
n
o
(
S
D
V
S
G
I
,
V
5
.
4
=
D
A
m
5
7
=-
-
5
.
7
e
c
n
a
t
s
i
s
e
R
e
t
a
t
S
-
n
O
e
c
r
u
o
S
-
n
i
a
r
DR
)
n
o
(
S
D
V
S
G
I
,
V
0
1
=
D
A
m
0
0
5
=-
-
5
t
n
e
r
r
u
C
n
i
a
r
D
e
g
a
t
l
o
V
e
t
a
G
o
r
e
ZI
S
S
D
V
S
D
V
,
V
0
6
=
S
G
V
0
=-
-
1
A
u
e
g
a
k
a
e
L
y
d
o
B
e
t
a
GI
S
S
G
V
S
G =+
V
,
V
0
2
S
D
V
0
=-
-
+
0
0
1A
n
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
d
r
a
w
r
o
Fg
S
f
V
S
D
I
,
V
5
1
=
D
A
m
0
5
2
=0
0
2-
-
S
m
c
i
m
a
n
y
D
e
g
r
a
h
C
e
t
a
G
l
a
t
o
TQ
g
V
S
D
I
,
V
5
1
=
D
A
m
0
0
5
=
V
D
D
V
5
.
4
=
-6
.
07
.
0
C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
e
t
a
GQ
s
g
-1
.
0-
e
g
r
a
h
C
n
i
a
r
D
-
e
t
a
GQ
d
g
-8
0
.
0-
e
m
i
T
n
O
-
n
r
u
Tt
n
o
V
D
D
R
,
V
0
1
=
L
0
2
=
I
D
V
,
A
m
0
0
5
=
N
E
G
V
0
1
=
R
G
0
1
=
-9
5
1
s
n
e
m
i
T
f
f
O
-
n
r
u
Tt
f
f
o
-1
26
2
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
IC
s
s
i
V
S
D
V
,
V
5
2
=
S
G
V
0
=
H
M
0
.
1
=
f
Z
--
0
5
F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
OC
s
s
o
--
5
2
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
RC
s
s
r
--
5
e
d
o
i
D
n
i
a
r
D
-
e
c
r
u
o
S
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
d
o
i
D
.
x
a
MI
s
--
-
0
5
2A
m
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV
D
S
I
S
V
,
A
m
0
5
2
=
S
G
V
0
=-
3
9
.
02
.
1V


Similar Part No. - 2N7002_09

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N7002 WEITRON-2N7002_09 Datasheet
304Kb / 4P
   Small Signal MOSFET
More results

Similar Description - 2N7002_09

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com