Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002KDW Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 2N7002KDW
Description  60V N-Channel Enhancement Mode MOSFET - ESD Protected
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2N7002KDW Datasheet(HTML) 1 Page - Pan Jit International Inc.

  2N7002KDW_10 Datasheet HTML 1Page - Pan Jit International Inc. 2N7002KDW_10 Datasheet HTML 2Page - Pan Jit International Inc. 2N7002KDW_10 Datasheet HTML 3Page - Pan Jit International Inc. 2N7002KDW_10 Datasheet HTML 4Page - Pan Jit International Inc. 2N7002KDW_10 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
May 21.2010-REV.01
2N7002KDW
FEATURES
• R
DS(ON), VGS@10V,IDS@500mA=3Ω
• R
DS(ON), VGS@4.5V,IDS@200mA=4Ω
• Advanced Trench Process Technology
• High Density Cell Design For Ultra Low On-Resistance
• Very Low Leakage Current In Off Condition
• Specially Designed for Battery Operated Systems, Solid-State Relays
Drivers : Relays, Displays, Lamps, Solenoids, Memories, etc.
• ESD Protected 2KV HBM
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: SOT-363 Package
• Terminals : Solderable per MIL-STD-750,Method 2026
• Marking : K27
60V N-Channel Enhancement Mode MOSFET - ESD Protected
Maximum RATINGS and Thermal Characteristics (T
A=25
OC unless otherwise noted )
Note: 1. Maximum DC current limited by the package
2. Surface mounted on FR4 board, t < 5 sec
PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE
0.054(1.35)
0.045(1.15)
0.040(1.00)
0.031(0.80)
0.018(0.45)
0.006(0.15)
0.087(2.20)
0.078(2.00)
0.10 MAX.
SOT-363
Unit: inch (mm)
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4
PA RA M E TE R
S ym bol
Li m i t
Uni t s
D r ai n- S o ur ce Vo ltage
V
DS
60
V
Ga t e - S our c e Vo lt age
V
GS
+ 20
V
C o nt i nuo us D r a i n C ur r e nt
I
D
11 5
m A
P uls ed D r ai n C ur r ent 1)
I
DM
800
m A
Ma xi mum P o we r D i s s i p a t i o n
T
A =2 5
OC
T
A =7 5
OC
P
D
200
120
mW
Oper ati ng J unc t i on and S t or age
Te m per atur e Ra ng e
T
J ,T STG
- 5 5 t o + 150
O C
Junction-to Ambient Thermal
Resistance(PCB mounted)2
R
θJA
625
O C/W


Similar Part No. - 2N7002KDW_10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002KDW PANJIT-2N7002KDW_14 Datasheet
170Kb / 6P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
logo
SeCoS Halbleitertechnol...
2N7002KDW SECOS-2N7002KDW_15 Datasheet
431Kb / 2P
   Dual N-Channel Small Signal MOSFET
More results

Similar Description - 2N7002KDW_10

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
2N7002KDW HY-2N7002KDW Datasheet
256Kb / 4P
   60V ESD Protected N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
2N7002KDW PANJIT-2N7002KDW_14 Datasheet
170Kb / 6P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_14 Datasheet
131Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW Datasheet
170Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002K-AU PANJIT-2N7002K-AU Datasheet
326Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KTB PANJIT-2N7002KTB Datasheet
117Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KTB6 PANJIT-2N7002KTB6 Datasheet
150Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002K-AU PANJIT-2N7002K-AU_15 Datasheet
234Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_10 Datasheet
162Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW-AU PANJIT-2N7002KDW-AU Datasheet
326Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com