Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ6.0A Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 3.0SMCJ6.0A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

3.0SMCJ6.0A Datasheet(HTML) 2 Page - Pan Jit International Inc.

  3.0SMCJ6.0A Datasheet HTML 1Page - Pan Jit International Inc. 3.0SMCJ6.0A Datasheet HTML 2Page - Pan Jit International Inc. 3.0SMCJ6.0A Datasheet HTML 3Page - Pan Jit International Inc. 3.0SMCJ6.0A Datasheet HTML 4Page - Pan Jit International Inc. 3.0SMCJ6.0A Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
STAD-MAR.31.2009
2
3.0SMCJ SERIES
r
e
b
m
u
N
t
r
a
P
V RWM
V BR
I
@
T
IR @VRWM
VC @IPP
e
d
o
C
g
n
i
k
r
a
M
.
n
i
M
.
x
a
M
IT
-
I
N
U
-
I
B
-
I
N
U
-
I
B
V
V
V
A
m
µ
µµµµ A
µ
µµµµ A
V
A
-
I
N
U
-
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
0
3
0
.
5
J
C
M
S
0
.
3
C
0
.
5
J
C
M
S
0
.
3
5
4
.
6
5
5
.
7
0
1
0
0
0
1
0
0
0
2
6
.
9
5
.
2
1
3
D
D
H
D
D
I
A
0
.
5
J
C
M
S
0
.
3
A
C
0
.
5
J
C
M
S
0
.
3
5
4
.
6
5
2
.
7
0
1
0
0
0
1
0
0
0
2
2
.
9
6
2
3
E
D
H
E
D
I
0
.
6
J
C
M
S
0
.
3
C
0
.
6
J
C
M
S
0
.
3
6
7
6
.
6
5
4
.
8
0
1
0
0
0
1
0
0
0
2
4
.
1
1
2
.
3
6
2
F
D
H
F
D
I
A
0
.
6
J
C
M
S
0
.
3
A
C
0
.
6
J
C
M
S
0
.
3
6
7
6
.
6
7
6
.
7
0
1
0
0
0
1
0
0
0
2
3
.
0
1
3
.
1
9
2
G
D
H
G
D
I
5
.
6
J
C
M
S
0
.
3
C
5
.
6
J
C
M
S
0
.
3
5
.
6
2
2
.
7
4
1
.
9
0
1
0
0
5
0
0
0
1
3
.
2
1
9
.
3
4
2
H
D
H
H
D
I
A
5
.
6
J
C
M
S
0
.
3
A
C
5
.
6
J
C
M
S
0
.
3
5
.
6
2
2
.
7
3
.
8
0
1
0
0
5
0
0
0
1
2
.
1
1
9
.
7
6
2
K
D
H
K
D
I
0
.
7
J
C
M
S
0
.
3
C
0
.
7
J
C
M
S
0
.
3
7
8
7
.
7
6
8
.
9
0
1
0
0
2
0
0
4
3
.
3
1
6
.
5
2
2
L
D
H
L
D
I
A
0
.
7
J
C
M
S
0
.
3
A
C
0
.
7
J
C
M
S
0
.
3
7
8
7
.
7
5
9
.
8
0
1
0
0
2
0
0
4
2
1
0
5
2
M
D
H
M
D
I
5
.
7
J
C
M
S
0
.
3
C
5
.
7
J
C
M
S
0
.
3
5
.
7
3
3
.
8
7
6
.
0
1
1
0
0
1
0
0
2
3
.
4
1
8
.
9
0
2
N
D
H
N
D
I
A
5
.
7
J
C
M
S
0
.
3
A
C
5
.
7
J
C
M
S
0
.
3
5
.
7
3
3
.
8
6
.
9
1
0
0
1
0
0
2
9
.
2
1
6
.
2
3
2
P
D
H
P
D
I
0
.
8
J
C
M
S
0
.
3
C
0
.
8
J
C
M
S
0
.
3
8
9
8
.
8
3
.
1
1
1
0
5
0
0
1
0
0
.
5
1
0
0
2
Q
D
H
Q
D
I
A
0
.
8
J
C
M
S
0
.
3
A
C
0
.
8
J
C
M
S
0
.
3
8
9
8
.
8
3
2
.
0
1
1
0
5
0
0
1
6
.
3
1
6
.
0
2
2
R
D
H
R
D
I
5
.
8
J
C
M
S
0
.
3
C
5
.
8
J
C
M
S
0
.
3
5
.
8
4
4
.
9
2
9
.
1
1
1
5
2
0
5
9
.
5
1
8
.
8
8
1
S
D
H
S
D
I
A
5
.
8
J
C
M
S
0
.
3
A
C
5
.
8
J
C
M
S
0
.
3
5
.
8
4
4
.
9
2
8
.
0
1
1
5
2
0
5
4
.
4
1
4
.
8
0
2
T
D
H
T
D
I
0
.
9
J
C
M
S
0
.
3
C
0
.
9
J
C
M
S
0
.
3
9
0
1
6
.
2
1
1
0
1
0
2
9
.
6
1
4
.
7
7
1
U
D
H
U
D
I
A
0
.
9
J
C
M
S
0
.
3
A
C
0
.
9
J
C
M
S
0
.
3
9
0
1
5
.
1
1
1
0
1
0
2
4
.
5
1
8
.
4
9
1
V
D
H
V
D
I
0
1
J
C
M
S
0
.
3
C
0
1
J
C
M
S
0
.
3
0
1
1
.
1
1
1
.
4
1
1
3
3
8
.
8
1
6
.
9
5
1
W
D
H
W
D
I
A
0
1
J
C
M
S
0
.
3
A
C
0
1
J
C
M
S
0
.
3
0
1
1
.
1
1
8
.
2
1
1
3
3
7
1
4
.
6
7
1
X
D
H
X
D
I
1
1
J
C
M
S
0
.
3
C
1
1
J
C
M
S
0
.
3
1
1
2
.
2
1
4
.
5
1
1
3
3
1
.
0
2
2
.
9
4
1
Y
D
H
Y
D
I
A
1
1
J
C
M
S
0
.
3
A
C
1
1
J
C
M
S
0
.
3
1
1
2
.
2
1
4
1
1
3
3
2
.
8
1
8
.
4
8
1
Z
D
H
Z
D
I
2
1
J
C
M
S
0
.
3
C
2
1
J
C
M
S
0
.
3
2
1
3
.
3
1
9
.
6
1
1
3
3
2
2
4
.
6
3
1
D
E
H
D
E
I
A
2
1
J
C
M
S
0
.
3
A
C
2
1
J
C
M
S
0
.
3
2
1
3
.
3
1
3
.
5
1
1
3
3
9
.
9
1
6
.
0
5
1
E
E
H
E
E
I
3
1
J
C
M
S
0
.
3
C
3
1
J
C
M
S
0
.
3
3
1
4
.
4
1
2
.
8
1
1
3
3
8
.
3
2
6
2
1
F
E
H
F
E
I
A
3
1
J
C
M
S
0
.
3
A
C
3
1
J
C
M
S
0
.
3
3
1
4
.
4
1
5
.
6
1
1
3
3
5
.
1
2
4
.
9
3
1
G
E
H
G
E
I
4
1
J
C
M
S
0
.
3
C
4
1
J
C
M
S
0
.
3
4
1
6
.
5
1
8
.
9
1
1
3
3
8
.
5
2
2
.
6
1
1
H
E
H
H
E
I
A
4
1
J
C
M
S
0
.
3
A
C
4
1
J
C
M
S
0
.
3
4
1
6
.
5
1
9
.
7
1
1
3
3
2
.
3
2
4
.
9
2
1
K
E
H
K
E
I
5
1
J
C
M
S
0
.
3
C
5
1
J
C
M
S
0
.
3
5
1
7
.
6
1
1
.
1
2
1
3
3
9
.
6
2
6
.
1
1
1
L
E
H
L
E
I
A
5
1
J
C
M
S
0
.
3
A
C
5
1
J
C
M
S
0
.
3
5
1
7
.
6
1
2
.
9
1
1
3
3
4
.
4
2
3
2
1
M
E
H
M
E
I
6
1
J
C
M
S
0
.
3
C
6
1
J
C
M
S
0
.
3
6
1
8
.
7
1
6
.
2
2
1
3
3
8
.
8
2
2
.
4
0
1
N
E
H
N
E
I
A
6
1
J
C
M
S
0
.
3
A
C
6
1
J
C
M
S
0
.
3
6
1
8
.
7
1
5
.
0
2
1
3
3
6
2
4
.
5
1
1
P
E
H
P
E
I
7
1
J
C
M
S
0
.
3
C
7
1
J
C
M
S
0
.
3
7
1
9
.
8
1
9
.
3
2
1
3
3
5
.
0
3
4
.
8
9
Q
E
H
Q
E
I
A
7
1
J
C
M
S
0
.
3
A
C
7
1
J
C
M
S
0
.
3
7
1
9
.
8
1
7
.
1
2
1
3
3
6
.
7
2
6
.
6
0
1
R
E
H
R
E
I
8
1
J
C
M
S
0
.
3
C
8
1
J
C
M
S
0
.
3
8
1
0
2
3
.
5
2
1
3
3
2
.
2
3
2
.
3
9
S
E
H
S
E
I
A
8
1
J
C
M
S
0
.
3
A
C
8
1
J
C
M
S
0
.
3
8
1
0
2
3
.
3
2
1
3
3
2
.
9
2
8
.
2
0
1
T
E
H
T
E
I
0
2
J
C
M
S
0
.
3
C
0
2
J
C
M
S
0
.
3
0
2
2
.
2
2
1
.
8
2
1
3
3
8
.
5
3
8
.
3
8
U
E
H
U
E
I
A
0
2
J
C
M
S
0
.
3
A
C
0
2
J
C
M
S
0
.
3
0
2
2
.
2
2
5
.
5
2
1
3
3
4
.
2
3
6
.
2
9
V
E
H
V
E
I
2
2
J
C
M
S
0
.
3
C
2
2
J
C
M
S
0
.
3
2
2
4
.
4
2
9
.
0
3
1
3
3
4
.
9
3
2
.
6
7
W
E
H
W
E
I
A
2
2
J
C
M
S
0
.
3
A
C
2
2
J
C
M
S
0
.
3
2
2
4
.
4
2
8
2
1
3
3
5
.
5
3
4
.
4
8
X
E
H
X
E
I
4
2
J
C
M
S
0
.
3
C
4
2
J
C
M
S
0
.
3
4
2
7
.
6
2
8
.
3
3
1
3
3
3
4
8
.
9
6
Y
E
H
Y
E
I
A
4
2
J
C
M
S
0
.
3
A
C
4
2
J
C
M
S
0
.
3
4
2
7
.
6
2
7
.
0
3
1
3
3
9
.
8
3
2
.
7
7
Z
E
H
Z
E
I
6
2
J
C
M
S
0
.
3
C
6
2
J
C
M
S
0
.
3
6
2
9
.
8
2
6
.
6
3
1
3
3
6
.
6
4
4
.
4
6
D
F
H
D
F
I
A
6
2
J
C
M
S
0
.
3
A
C
6
2
J
C
M
S
0
.
3
6
2
9
.
8
2
2
.
3
3
1
3
3
1
.
2
4
2
.
1
7
E
F
H
E
F
I
8
2
J
C
M
S
0
.
3
C
8
2
J
C
M
S
0
.
3
8
2
1
.
1
3
4
.
9
3
1
3
3
0
5
0
6
F
F
H
F
F
I
A
8
2
J
C
M
S
0
.
3
A
C
8
2
J
C
M
S
0
.
3
8
2
1
.
1
3
8
.
5
3
1
3
3
4
.
5
4
6
6
G
F
H
G
F
I
0
3
J
C
M
S
0
.
3
C
0
3
J
C
M
S
0
.
3
0
3
3
.
3
3
2
.
2
4
1
3
3
5
.
3
5
6
5
H
F
H
H
F
I
A
0
3
J
C
M
S
0
.
3
A
C
0
3
J
C
M
S
0
.
3
0
3
3
.
3
3
3
.
8
3
1
3
3
4
.
8
4
2
6
K
F
H
K
F
I
3
3
J
C
M
S
0
.
3
C
3
3
J
C
M
S
0
.
3
3
3
7
.
6
3
5
.
6
4
1
3
3
9
5
4
.
0
5
L
F
H
L
F
I
A
3
3
J
C
M
S
0
.
3
A
C
3
3
J
C
M
S
0
.
3
3
3
7
.
6
3
2
.
2
4
1
3
3
3
.
3
5
2
.
6
5
M
F
H
M
F
I
6
3
J
C
M
S
0
.
3
C
6
3
J
C
M
S
0
.
3
6
3
0
4
7
.
0
5
1
3
3
3
.
4
6
6
.
6
4
N
F
H
N
F
I
A
6
3
J
C
M
S
0
.
3
A
C
6
3
J
C
M
S
0
.
3
6
3
0
4
6
4
1
3
3
1
.
8
5
6
.
1
5
P
F
H
P
F
I
0
4
J
C
M
S
0
.
3
C
0
4
J
C
M
S
0
.
3
0
4
4
.
4
4
3
.
6
5
1
3
3
4
.
1
7
2
4
Q
F
H
Q
F
I
A
0
4
J
C
M
S
0
.
3
A
C
0
4
J
C
M
S
0
.
3
0
4
4
.
4
4
1
.
1
5
1
3
3
5
.
4
6
4
.
6
4
R
F
H
R
F
I
3
4
J
C
M
S
0
.
3
C
3
4
J
C
M
S
0
.
3
3
4
8
.
7
4
5
.
0
6
1
3
3
7
.
6
7
2
.
9
3
S
F
H
S
F
I


Similar Part No. - 3.0SMCJ6.0A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ6.0A WTE-3.0SMCJ6.0A Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
3.0SMCJ6.0A FORMOSA-3.0SMCJ6.0A Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
logo
Won-Top Electronics
3.0SMCJ6.0A WTE-3.0SMCJ6.0A Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
3.0SMCJ6.0A DIOTEC-3.0SMCJ6.0A Datasheet
124Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
3.0SMCJ6.0A TSC-3.0SMCJ6.0A Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ6.0A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP PANJIT-3KP_09 Datasheet
86Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
1.5SMCJ PANJIT-1.5SMCJ_09 Datasheet
148Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
2.0SMCJ22A PANJIT-2.0SMCJ22A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
3.0SMCJ_SERIES PANJIT-3.0SMCJ_SERIES_14 Datasheet
240Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
5.0SMCJ_SERIES PANJIT-5.0SMCJ_SERIES_14 Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5SMCJ-AU PANJIT-1.5SMCJ-AU Datasheet
244Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
5.0SMCJ PANJIT-5.0SMCJ Datasheet
158Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com