Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2EZ51 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 2EZ51
Description  SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2EZ51 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  2EZ51 Datasheet HTML 1Page - Pan Jit International Inc. 2EZ51 Datasheet HTML 2Page - Pan Jit International Inc. 2EZ51 Datasheet HTML 3Page - Pan Jit International Inc. 2EZ51 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
REV.0.2-FEB.26.2010
STAD-MAR.22.2010
2EZ6.8~2EZ51
FEATURES
• Low profile package
• Built-in strain relief
• Low inductance
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• High temperature soldering : 260°C /10 seconds at terminals
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: JEDEC DO-15, Molded plastic over passivated junction
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes positive end (cathode)
• Standard packing: 52mm tape
• Weight: 0.014 ounce, 0.0397 gram
SILICON ZENER DIODES
NOTES:
A.Mounted on infinite heat sink with L=2mm
B.Measured on8.3ms, and single half sine-wave or equivalent square wave ,duty cycle=4 pulses per minute maximum
.034(.86)
.140(3.6)
.028(.71)
.104(2.6)
DO-15
Unit: inch(mm)
VOLTAGE
6.8 to 51 Volts
POWER
2.0 Watts
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
S ymbol
Va lue
Uni t
Max Steady State Power Dissipation @TL<80OC (Note A)
Derate above TA=25OC
PD
2
Watts
Peak Forward Surge Current 8.3ms single half sine-wave
soperimposed on rated load (JEDEC mehod)
I FSM
15
Amps
Thermal resistance Junction to Ambient
Junction to Lead
RΘJA
RΘJL
60
32
oC/W
Operating Junction and Storage Temperature Range
TJ , TSTG
-55 to + 150
oC


Similar Part No. - 2EZ51

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2EZ51 PANJIT-2EZ51 Datasheet
122Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 2.0 Watts)
logo
Transys Electronics
2EZ51 TRSYS-2EZ51 Datasheet
339Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
EIC discrete Semiconduc...
2EZ51D10 EIC-2EZ51D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
2EZ51D10 EIC-2EZ51D10 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Zibo Seno Electronic En...
2EZ51D5 ZSELEC-2EZ51D5 Datasheet
95Kb / 2P
   2.0W SILICON ZENER DIODE
More results

Similar Description - 2EZ51

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com