Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ20 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # 3.0SMCJ20
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

3.0SMCJ20 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  3.0SMCJ20 Datasheet HTML 1Page - Pan Jit International Inc. 3.0SMCJ20 Datasheet HTML 2Page - Pan Jit International Inc. 3.0SMCJ20 Datasheet HTML 3Page - Pan Jit International Inc. 3.0SMCJ20 Datasheet HTML 4Page - Pan Jit International Inc. 3.0SMCJ20 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PAGE . 3
MOUNTING PAD LAYOUT
• Packing information
T/R - 3K per 13" plastic Reel
T/R - 0.5Kper 7” plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.
3.0SMCJ SERIES
STAD-MAR.31.2009
2


Similar Part No. - 3.0SMCJ20

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ20 WTE-3.0SMCJ20 Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
3.0SMCJ20 YEASHIN-3.0SMCJ20 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ20 WTE-3.0SMCJ20 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Rectron Semiconductor
3.0SMCJ20 RECTRON-3.0SMCJ20 Datasheet
166Kb / 7P
   SURFACE MOUNT 3000W TRANSIENT
logo
Taiwan Semiconductor Co...
3.0SMCJ20 TSC-3.0SMCJ20 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ20

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP PANJIT-3KP_09 Datasheet
86Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
1.5SMCJ PANJIT-1.5SMCJ_09 Datasheet
148Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
2.0SMCJ22A PANJIT-2.0SMCJ22A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
3.0SMCJ_SERIES PANJIT-3.0SMCJ_SERIES_14 Datasheet
240Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
5.0SMCJ_SERIES PANJIT-5.0SMCJ_SERIES_14 Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5SMCJ-AU PANJIT-1.5SMCJ-AU Datasheet
244Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
5.0SMCJ PANJIT-5.0SMCJ Datasheet
158Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com