Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP20A Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 5KP20A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

5KP20A Datasheet(HTML) 2 Page - Pan Jit International Inc.

  5KP20A Datasheet HTML 1Page - Pan Jit International Inc. 5KP20A Datasheet HTML 2Page - Pan Jit International Inc. 5KP20A Datasheet HTML 3Page - Pan Jit International Inc. 5KP20A Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
STAD-SEP.03.2008
5KP SERIES
r
e
b
m
u
N
t
r
a
P
V RWM
V BR
I
@
T
IR @VRWM
VC @IPP
e
d
o
C
g
n
i
k
r
a
M
.
n
i
M
.
x
a
M
IT
-
I
N
U
-
I
B
-
I
N
U
-
I
B
V
V
V
A
m
µ
µ
µ
µ
µ A
µ
µ
µ
µ
µ A
V
A
-
I
N
U
-
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
0
5
0
.
5
P
K
5
C
0
.
5
P
K
5
5
4
.
6
5
5
.
7
0
5
0
0
0
5
0
0
0
0
1
6
.
9
0
2
5
0
.
5
P
K
5
C
0
.
5
P
K
5
A
0
.
5
P
K
5
A
C
0
.
5
P
K
5
5
4
.
6
5
2
.
7
0
5
0
0
0
5
0
0
0
0
1
2
.
9
3
4
5
A
0
.
5
P
K
5
A
C
0
.
5
P
K
5
0
.
6
P
K
5
C
0
.
6
P
K
5
6
7
6
.
6
5
4
.
8
0
5
0
0
0
5
0
0
0
0
1
4
.
1
1
9
3
4
0
.
6
P
K
5
C
0
.
6
P
K
5
A
0
.
6
P
K
5
A
C
0
.
6
P
K
5
6
7
6
.
6
7
6
.
7
0
5
0
0
0
5
0
0
0
0
1
3
.
0
1
5
8
4
A
0
.
6
P
K
5
A
C
0
.
6
P
K
5
5
.
6
P
K
5
C
5
.
6
P
K
5
5
.
6
2
2
.
7
4
1
.
9
0
5
0
0
0
2
0
0
0
4
3
.
2
1
7
0
4
5
.
6
P
K
5
C
5
.
6
P
K
5
A
5
.
6
P
K
5
A
C
5
.
6
P
K
5
5
.
6
2
2
.
7
3
.
8
0
5
0
0
0
2
0
0
0
4
2
.
1
1
7
4
4
A
5
.
6
P
K
5
A
C
5
.
6
P
K
5
0
.
7
P
K
5
C
0
.
7
P
K
5
7
8
7
.
7
6
8
.
9
0
5
0
0
0
1
0
0
0
2
3
.
3
1
8
7
3
0
.
7
P
K
5
C
0
.
7
P
K
5
A
0
.
7
P
K
5
A
C
0
.
7
P
K
5
7
8
7
.
7
5
9
.
8
0
5
0
0
0
1
0
0
0
2
2
1
7
1
4
A
0
.
7
P
K
5
A
C
0
.
7
P
K
5
5
.
7
P
K
5
C
5
.
7
P
K
5
5
.
7
3
3
.
8
7
6
.
0
1
5
0
5
2
0
0
5
3
.
4
1
0
5
3
5
.
7
P
K
5
C
5
.
7
P
K
5
A
5
.
7
P
K
5
A
C
5
.
7
P
K
5
5
.
7
3
3
.
8
8
5
.
9
5
0
5
2
0
0
5
9
.
2
1
8
8
3
A
5
.
7
P
K
5
A
C
5
.
7
P
K
5
0
.
8
P
K
5
C
0
.
8
P
K
5
8
9
8
.
8
3
.
1
1
5
0
5
1
0
0
3
5
1
3
3
3
0
.
8
P
K
5
C
0
.
8
P
K
5
A
0
.
8
P
K
5
A
C
0
.
8
P
K
5
8
9
8
.
8
3
2
.
0
1
5
0
5
1
0
0
3
6
.
3
1
7
6
3
A
0
.
8
P
K
5
A
C
0
.
8
P
K
5
5
.
8
P
K
5
C
5
.
8
P
K
5
5
.
8
4
4
.
9
2
9
.
1
1
5
0
5
0
0
1
9
.
5
1
4
1
3
5
.
8
P
K
5
C
5
.
8
P
K
5
A
5
.
8
P
K
5
A
C
5
.
8
P
K
5
5
.
8
4
4
.
9
2
8
.
0
1
5
0
5
0
0
1
4
.
4
1
7
4
3
A
5
.
8
P
K
5
A
C
5
.
8
P
K
5
0
.
9
P
K
5
C
0
.
9
P
K
5
9
0
1
6
.
2
1
5
0
2
0
4
9
.
6
1
5
9
2
0
.
9
P
K
5
C
0
.
9
P
K
5
A
0
.
9
P
K
5
A
C
0
.
9
P
K
5
9
0
1
5
.
1
1
5
0
2
0
4
4
.
5
1
5
2
3
A
0
.
9
P
K
5
A
C
0
.
9
P
K
5
0
1
P
K
5
C
0
1
P
K
5
0
1
1
.
1
1
1
.
4
1
5
6
6
8
.
8
1
6
6
2
0
1
P
K
5
C
0
1
P
K
5
A
0
1
P
K
5
A
C
0
1
P
K
5
0
1
1
.
1
1
8
.
2
1
5
6
6
7
1
4
9
2
A
0
1
P
K
5
A
C
0
1
P
K
5
1
1
P
K
5
C
1
1
P
K
5
1
1
2
.
2
1
4
.
5
1
5
6
6
1
.
0
2
9
4
2
1
1
P
K
5
C
1
1
P
K
5
A
1
1
P
K
5
A
C
1
1
P
K
5
1
1
2
.
2
1
4
1
5
6
6
2
.
8
1
4
7
2
A
1
1
P
K
5
A
C
1
1
P
K
5
2
1
P
K
5
C
2
1
P
K
5
2
1
3
.
3
1
9
.
6
1
5
6
6
2
2
7
2
2
2
1
P
K
5
C
2
1
P
K
5
A
2
1
P
K
5
A
C
2
1
P
K
5
2
1
3
.
3
1
3
.
5
1
5
6
6
9
.
9
1
1
5
2
A
2
1
P
K
5
A
C
2
1
P
K
5
3
1
P
K
5
C
3
1
P
K
5
3
1
4
.
4
1
2
.
8
1
5
6
6
8
.
3
2
0
1
2
3
1
P
K
5
C
3
1
P
K
5
A
3
1
P
K
5
A
C
3
1
P
K
5
3
1
4
.
4
1
5
.
6
1
5
6
6
5
.
1
2
2
3
2
A
3
1
P
K
5
A
C
3
1
P
K
5
4
1
P
K
5
C
4
1
P
K
5
4
1
6
.
5
1
8
.
9
1
5
6
6
8
.
5
2
4
9
1
4
1
P
K
5
C
4
1
P
K
5
A
4
1
P
K
5
A
C
4
1
P
K
5
4
1
6
.
5
1
9
.
7
1
5
6
6
2
.
3
2
5
1
2
A
4
1
P
K
5
A
C
4
1
P
K
5
5
1
P
K
5
C
5
1
P
K
5
5
1
7
.
6
1
1
.
1
2
5
6
6
9
.
6
2
8
8
1
5
1
P
K
5
C
5
1
P
K
5
A
5
1
P
K
5
A
C
5
1
P
K
5
5
1
7
.
6
1
2
.
9
1
5
6
6
4
.
4
2
6
0
2
A
5
1
P
K
5
A
C
5
1
P
K
5
6
1
P
K
5
C
6
1
P
K
5
6
1
8
.
7
1
6
.
2
2
5
6
6
8
.
8
2
6
7
1
6
1
P
K
5
C
6
1
P
K
5
A
6
1
P
K
5
A
C
6
1
P
K
5
6
1
8
.
7
1
5
.
0
2
5
6
6
6
2
2
9
1
A
6
1
P
K
5
A
C
6
1
P
K
5
7
1
J
P
K
5
C
7
1
J
P
K
5
7
1
9
.
8
1
9
.
3
2
5
6
6
5
.
0
3
4
6
1
7
1
J
P
K
5
C
7
1
J
P
K
5
A
7
1
P
K
5
A
C
7
1
P
K
5
7
1
9
.
8
1
7
.
1
2
5
6
6
6
.
7
2
1
8
1
A
7
1
P
K
5
A
C
7
1
P
K
5
8
1
P
K
5
C
8
1
P
K
5
8
1
0
2
3
.
5
2
5
6
6
2
.
2
3
5
5
1
8
1
P
K
5
C
8
1
P
K
5
A
8
1
P
K
5
A
C
8
1
P
K
5
8
1
0
2
3
.
3
2
5
6
6
2
.
9
2
2
7
1
A
8
1
P
K
5
A
C
8
1
P
K
5
0
2
P
K
5
C
0
2
P
K
5
0
2
2
.
2
2
1
.
8
2
5
6
6
8
.
5
3
9
3
1
0
2
P
K
5
C
0
2
P
K
5
A
0
2
P
K
5
A
C
0
2
P
K
5
0
2
2
.
2
2
5
.
5
2
5
6
6
4
.
2
3
4
5
1
A
0
2
P
K
5
A
C
0
2
P
K
5
2
2
P
K
5
C
2
2
P
K
5
2
2
4
.
4
2
9
.
0
3
5
6
6
4
.
9
3
7
2
1
2
2
P
K
5
C
2
2
P
K
5
A
2
2
P
K
5
A
C
2
2
P
K
5
2
2
4
.
4
2
8
2
5
6
6
5
.
5
3
1
4
1
A
2
2
P
K
5
A
C
2
2
P
K
5
4
2
P
K
5
C
4
2
P
K
5
4
2
7
.
6
2
8
.
3
3
5
6
6
3
4
6
1
1
4
2
P
K
5
C
4
2
P
K
5
A
4
2
P
K
5
A
C
4
2
P
K
5
4
2
7
.
6
2
7
.
0
3
5
6
6
9
.
8
3
8
2
1
A
4
2
P
K
5
A
C
4
2
P
K
5
6
2
P
K
5
C
6
2
P
K
5
6
2
9
.
8
2
6
.
6
3
5
6
6
6
.
6
4
7
0
1
6
2
P
K
5
C
6
2
P
K
5
A
6
2
P
K
5
A
C
6
2
P
K
5
6
2
9
.
8
2
2
.
3
3
5
6
6
1
.
2
4
9
1
1
A
6
2
P
K
5
A
C
6
2
P
K
5
8
2
P
K
5
C
8
2
P
K
5
8
2
1
.
1
3
4
.
9
3
5
6
6
0
5
9
9
8
2
P
K
5
C
8
2
P
K
5
A
8
2
P
K
5
A
C
8
2
P
K
5
8
2
1
.
1
3
8
.
5
3
5
6
6
4
.
5
4
0
1
1
A
8
2
P
K
5
A
C
8
2
P
K
5
0
3
P
K
5
C
0
3
P
K
5
0
3
3
.
3
3
2
.
2
4
5
6
6
5
.
3
5
3
9
0
3
P
K
5
C
0
3
P
K
5
A
0
3
P
K
5
A
C
0
3
P
K
5
0
3
3
.
3
3
3
.
8
3
5
6
6
4
.
8
4
3
0
1
A
0
3
P
K
5
A
C
0
3
P
K
5
3
3
P
K
5
C
3
3
P
K
5
3
3
7
.
6
3
5
.
6
4
5
6
6
9
5
5
8
3
3
P
K
5
C
3
3
P
K
5
A
3
3
P
K
5
A
C
3
3
P
K
5
3
3
7
.
6
3
2
.
2
4
5
6
6
3
.
3
5
4
9
A
3
3
P
K
5
A
C
3
3
P
K
5
6
3
P
K
5
C
6
3
P
K
5
6
3
0
4
7
.
0
5
5
6
6
3
.
4
6
8
7
6
3
P
K
5
C
6
3
P
K
5
A
6
3
P
K
5
A
C
6
3
P
K
5
6
3
0
4
6
4
5
6
6
1
.
8
5
5
8
A
6
3
P
K
5
A
C
6
3
P
K
5
0
4
P
K
5
C
0
4
P
K
5
0
4
4
.
4
4
3
.
6
5
5
6
6
4
.
1
7
0
7
0
4
P
K
5
C
0
4
P
K
5


Similar Part No. - 5KP20A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP20A SURGE-5KP20A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
DONGGUAN YOU FENG WEI E...
5KP20A YFWDIODE-5KP20A Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Formosa MS
5KP20A FORMOSA-5KP20A Datasheet
148Kb / 4P
   Transient Voltage Suppressor
logo
Won-Top Electronics
5KP20A WTE-5KP20A Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
5KP20A SECOS-5KP20A Datasheet
357Kb / 4P
   5000W Peak Power TVS
More results

Similar Description - 5KP20A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMC PANJIT-1.5SMC_09 Datasheet
143Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
1.5SMC-AU PANJIT-1.5SMC-AU Datasheet
126Kb / 7P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
5KP_SERIES PANJIT-5KP_SERIES_14 Datasheet
142Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5KE PANJIT-1.5KE_08 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
DB Lectro Inc
5KP DBLECTRO-5KP Datasheet
146Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power
logo
Pan Jit International I...
SA5.0 PANJIT-SA5.0_08 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P6KE PANJIT-P6KE_09 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P4KE PANJIT-P4KE_08 Datasheet
104Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Leshan Radio Company
15KW LRC-15KW Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
logo
Pan Jit International I...
15KP PANJIT-15KP Datasheet
63Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com