Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMG4932LSD Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMG4932LSD
Description  ASYMETRICAL DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG4932LSD Datasheet(HTML) 6 Page - Diodes Incorporated

  DMG4932LSD Datasheet HTML 1Page - Diodes Incorporated DMG4932LSD Datasheet HTML 2Page - Diodes Incorporated DMG4932LSD Datasheet HTML 3Page - Diodes Incorporated DMG4932LSD Datasheet HTML 4Page - Diodes Incorporated DMG4932LSD Datasheet HTML 5Page - Diodes Incorporated DMG4932LSD Datasheet HTML 6Page - Diodes Incorporated DMG4932LSD Datasheet HTML 7Page - Diodes Incorporated DMG4932LSD Datasheet HTML 8Page - Diodes Incorporated DMG4932LSD Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DMG4932LSD
Document number: DS32119 Rev. 4 - 2
6 of 9
www.diodes.com
August 2010
© Diodes Incorporated
DMG4932LSD
010
20
15
25
30
Fig. 14 Typical On-Resistance
vs. Drain Current and Gate Voltage
I , DRAIN-SOURCE CURRENT (A)
D
5
0
0.010
0.020
0.015
0.005
V
= 10V
GS
V
= 4.5V
GS
0
5
10
15
20
25
30
I , DRAIN CURRENT (A)
D
Fig. 15 Typical On-Resistance
vs. Drain Current and Temperature
0
0.01
0.02
0.04
0.03
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 150°C
A
V
= 4.5V
GS
T = 125°C
A
Fig. 16 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
0.6
0.8
1.0
1.2
1.4
1.6
V
= 4.5V
I = 5A
GS
D
V
= 10V
I = 10A
GS
D
Fig. 17 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
0
0.01
0.02
0.03
V
= 4.5V
I = 5A
GS
D
V
= 10V
I = 10A
GS
D
Fig. 18 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
0
0.5
1.0
1.5
2.0
2.5
3.0
I = 250µA
D
I = 1mA
D
0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 19 Diode Forward Voltage vs. Current
V
, SOURCE-DRAIN VOLTAGE (V)
SD
0
5
10
15
20
25
30
T = 25°C
A


Similar Part No. - DMG4932LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG4406LSS DIODES-DMG4406LSS Datasheet
232Kb / 6P
   This MOSFET has been designed to minimize the on-state resistance (RDS(on)) and yet maintain superior switching performance, making it ideal for high efficiency power management applications.
DMG4407SSS DIODES-DMG4407SSS Datasheet
205Kb / 6P
   Low On-Resistance
DMG4407SSS-13 DIODES-DMG4407SSS-13 Datasheet
205Kb / 6P
   Low On-Resistance
DMG4407SSS DIODES-DMG4407SSS_15 Datasheet
205Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMG4413LSS DIODES-DMG4413LSS Datasheet
90Kb / 4P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - DMG4932LSD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4924DY VISHAY-SI4924DY Datasheet
67Kb / 7P
   Asymetrical Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 26-May-03
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com