Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMG4466SSS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMG4466SSS
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG4466SSS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMG4466SSS Datasheet HTML 1Page - Diodes Incorporated DMG4466SSS Datasheet HTML 2Page - Diodes Incorporated DMG4466SSS Datasheet HTML 3Page - Diodes Incorporated DMG4466SSS Datasheet HTML 4Page - Diodes Incorporated DMG4466SSS Datasheet HTML 5Page - Diodes Incorporated DMG4466SSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMG4466SSS
Document number: DS32137 Rev. 3 - 2
4 of 6
www.diodes.com
September 2010
© Diodes Incorporated
DMG4466SSS
0
5
10
15
20
25
30
Fig. 9 Typical Total Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
10
1,000
100
C
iss
C
rss
C
oss
f = 1MHz
0
5
10
15
20
25
30
Fig. 10 Typical Leakage Current
vs. Drain-Source Voltage
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
1,000
10,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
02
4
6
8
10
12
Fig. 11 Gate-Charge Characteristics
Q , TOTAL GATE CHARGE (nC)
g
0
2
4
6
8
10
V
= 15V
I = 10A
DS
D
0.001
0.01
0.1
1
10
100
Fig. 12 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.00001
1,000
0.0001
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 90°C/W
θ
θ
JA
JA
P(pk)
t1
t
2
D = 0.7
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.5


Similar Part No. - DMG4466SSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG4466SSS-13 DIODES-DMG4466SSS-13 Datasheet
229Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4466SSSL DIODES-DMG4466SSSL Datasheet
165Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4466SSSL-13 DIODES-DMG4466SSSL-13 Datasheet
165Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4466SSSL-13 DIODES-DMG4466SSSL-13 Datasheet
209Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4466SSSL DIODES-DMG4466SSSL_13 Datasheet
209Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG4466SSS

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com