Electronic Components Datasheet Search |
|
3.0SMCJ200 Datasheet(PDF) 1 Page - Pan Jit International Inc. |
|
3.0SMCJ200 Datasheet(HTML) 1 Page - Pan Jit International Inc. |
1 / 5 page PAGE . 1 STAD-MAR.31.2009 2 3.0SMCJ SERIES FEATURES • For surface mounted applications in order to optimize board space. • Low profile package • Built-in strain relief • Glass passivated junction • Low inductance • Typical I D less than 1.0µA above 10V • Plastic package has Underwriters Laboratory Flammability Classifica- tion 94V-O • High temperature soldering : 260°C /10 seconds at terminals • In compliance with EU RoHS 2002/95/EC directives MECHANICALDATA • Case: JEDEC DO-214AB,Molded plastic over passivated junction. • Terminals: Solder plated,solderable per MIL-STD-750, Method 2026 • Polarity: Color band denotes positive end (cathode) • Standard Packaging:16mm tape (EIA-481) • Weight: 0.007 ounce, 0.21 gram DEVICES FOR BIPOLAR APPLICATIONS For Bidirectional use C or CA Suffix for types 3.0SMCJ5.0 thru types 3.0SMCJ220. Electrical characteristics apply in both directions. MAXIMUM RATINGSAND CHARACTERISTICS Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. For Capacitive load derate current by 20%. NOTES: 1.Non-repetitive current pulse, per Fig. 3 and derated above T A=25°Cper Fig. 2. 2.Mounted on 8.0mm2 ( .013mm thick) land areas. 3.Measured on 8.3ms , single half sine-wave or equivalent square wave , duty cycle= 4 pulses per minutes maximum. g n i t a Rl o b m y S e u l a Vs t i n U u 0 0 0 1 / 0 1 n o n o i t a p i s s i D r e w o P e s l u P k a e P µ ) 1 . g i F , 2 , 1 s e t o N ( m r o f e v a wPPPM 0 0 0 3s t t a W e v a w - e n i s f l a h e l g n i s s m 3 . 8 t n e r r u C e g r u S d r a w r o F k a e P ) 3 , 2 s e t o N ( ) d o h t e M C E D E J ( d a o l d e t a r n o d e s o p m i r e p u s IFSM 0 0 2s p m A 0 0 0 1 / 0 1 n o t n e r r u C e s l u P k a e P µ 3 . g i F ) 1 e t o N ( m r o f e v a w sIPPM 1 e l b a T e e ss p m A r i A o t n o i t c n u J e c n a t s i s e R l a m r e h T l a c i p y T Rθ A J 5 2 O W / C e g n a R e r u t a r e p m e T e g a r o t S d n a n o i t c n u J g n i t a r e p O TJ,TSTG 0 5 1 + o t 5 5 - O C Recongnized File # E210467 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts STAND-OFF VOLTAGE 5.0 to 220 Volts |
Similar Part No. - 3.0SMCJ200 |
|
Similar Description - 3.0SMCJ200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |