Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3KP190 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # 3KP190
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

3KP190 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  3KP190 Datasheet HTML 1Page - Pan Jit International Inc. 3KP190 Datasheet HTML 2Page - Pan Jit International Inc. 3KP190 Datasheet HTML 3Page - Pan Jit International Inc. 3KP190 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 4
STAD-APR.01.2009
1
3KP SREIES
Fig.1 PEAK PULSE POWER RATING VERSUS
PULSE TIME CURVE
Fig.2 PULSE DERATING CURVE
Fig.3 PULSE WAVEFORM
Fig.5 MAXIMUN NON-REPETITEVE PEAK FORWARD
SURGE CURRENT UNIDIRECTIONAL
Fig.4 TYPICAL JUNCTION CAPACITANCE
td,PULSE WIDTH,usec
T,TIME,ms
VRWM, Reverse Stand-off Voltage (V)
T ,AMBIENT TEMPERATURE, C
A
O
0.1
1.0
10
100
1000
10000
100
75
50
25
0
125
150
175
200
25
50
75
100
0
0
1.0
2.0
3.0
4.0
0
50
100
150
TA =25 C
Pulse Wid th (td ) is De fine d
a s the Point Where t he Pe a k
Curre ntDe c a ysto5 0% o f Ip p
tf= 10 u se c
10/1000 u se c Wa ve fo rm
as De fine d b ye R.E.A.
Pe a k Va lue
Ip p m
Ha lf Va lue -Ip p
2
e-kt
td
NUMBER OF CYCLES AT 60 Hz
Tj= Tj m a x
8.3ms SINGLE HALF sinc e -WAVE
JEDEC M ETHOD
400
350
300
250
200
150
100
1
2
3
5
10
20 30
50
100
100
10
1.0
0.1
Non-Rep etitve
Pulse Wa vefom
Sho wninFlg ure3
TA= 25
OC
1
10
100
5
10
100
1000
0000
f=1MHz
Vsig = 50mVp-p
TJ= 25°C
VR =0
500
VR =Rated
Stand-off Voltage
10
Unidirectional
Bidirectional


Similar Part No. - 3KP190

ManufacturerPart #DatasheetDescription
logo
Formosa MS
3KP190 FORMOSA-3KP190 Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
UN Semiconducctor INC
3KP190 UNSEMI-3KP190 Datasheet
3Mb / 7P
   null5.0 To 190V 3000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Won-Top Electronics
3KP190 WTE-3KP190 Datasheet
72Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
3KP190 PANJIT-3KP190 Datasheet
90Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
3KP190 GOOD-ARK-3KP190 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
More results

Similar Description - 3KP190

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3.0SMCJ PANJIT-3.0SMCJ_09 Datasheet
153Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
1.5SMCJ PANJIT-1.5SMCJ_09 Datasheet
148Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
2.0SMCJ22A PANJIT-2.0SMCJ22A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
3.0SMCJ_SERIES PANJIT-3.0SMCJ_SERIES_14 Datasheet
240Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
5.0SMCJ_SERIES PANJIT-5.0SMCJ_SERIES_14 Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5SMCJ-AU PANJIT-1.5SMCJ-AU Datasheet
244Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
5.0SMCJ PANJIT-5.0SMCJ Datasheet
158Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com