Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC850W Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BC850W
Description  NPN GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC850W Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BC850W Datasheet HTML 1Page - Pan Jit International Inc. BC850W Datasheet HTML 2Page - Pan Jit International Inc. BC850W Datasheet HTML 3Page - Pan Jit International Inc. BC850W Datasheet HTML 4Page - Pan Jit International Inc. BC850W Datasheet HTML 5Page - Pan Jit International Inc. BC850W Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
December 17,2010-REV.00
BC846AW ~ BC850CW
ELECTRICAL CHARACTERISTICS
PA RA ME TE R
S ym b o l
Te s t Co nd itio n
MIN.
TYP.
MA X .
Uni t s
C o lle ctor - E mi t te r Br eakdown Vo ltage
BC 846AW, BW
BC 847AW / BW /C W,B C 850B W / C W
BC 848AW / BW /C W,B C 849B W / C W
V (B R)CE O IC=1 0 mA , IB =0
65
45
30
--
V
C o lle ctor - B a se Br eakdown Vo lt age
BC 846AW, BW
BC 847AW / BW /C W,B C 850B W / C W
BC 848AW / BW /C W,B C 849B W / C W
V (B R)CB O IC=1 0
μA, IE=0
80
50
30
--
V
E mi t te r - Base Br eakdown Vo lt age
BC 846AW, BW
BC 847AW / BW /C W,B C 850B W / C W
BC 848AW / BW /C W,B C 849B W / C W
V (BR)EB O IE =10
μA, IC=0
6. 0
6. 0
5. 0
--
V
E mi t te r-B a s e C uto ff C urre nt
IEBO
V EB=5
-
-
100
nA
C o lle c to r-B a s e C uto ff C urre nt
ICBO
VC B=3 0 V, IE =0
VC B=3 0 V, IE =0 ,T
J = 150
OC
--
15
5. 0
nA
μA
DC Cur r e nt Ga i n
BC 846~BC 848 Suff i x " AW "
BC 846~BC 850 Suff i x " B W "
BC 847~BC 850 Suff i x " C W "
h
FE
IC =1 0
μA, VCE=5V
-
90
150
270
--
DC Cur r e nt Ga i n
BC 846~BC 848 Suff i x " AW "
BC 846~BC 850 Suff i x " B W "
BC 847~BC 850 Suff i x " C W "
h
FE
IC =2 .0 mA , V C E =5 V
11 0
200
420
180
290
520
220
450
800
-
C o lle ctor - E mi t te r Sat ur a t i on Vo lt age
V CE(SAT)
IC =1 0 mA , IB =0 . 5 mA
IC =100mA, IB =5 . 0 mA
--
0. 25
0. 6
V
B a se - E mi t te r S a tura ti o n Vo lt a g e
V CE(SAT)
IC =1 0 mA , IB =0 . 5 mA
IC =100mA, IB =5 . 0 mA
-
0.7
0.9
-V
Ba s e - Emi t te r Vo lt a g e
V CE(SAT)
IC =2 mA , VC E=5. 0V
IC =10mA, VC E=5. 0V
0.58
-
0.660
-
0. 70
0. 77
V
C o lle ctor - B a se C apac i tanc e
C CBO
V C B =10 V, IE =0 , f =1MH
-
-
4 . 5
pF


Similar Part No. - BC850W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC850W PHILIPS-BC850W Datasheet
48Kb / 8P
   NPN general purpose transistors
1999 Apr 12
logo
Infineon Technologies A...
BC850W INFINEON-BC850W Datasheet
229Kb / 8P
   NPN Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC850W DIOTEC-BC850W Datasheet
185Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
SEMTECH ELECTRONICS LTD...
BC850W SEMTECH_ELEC-BC850W Datasheet
260Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
NXP Semiconductors
BC850W NXP-BC850W Datasheet
129Kb / 7P
   NPN general purpose transistors
1999 Apr 12
More results

Similar Description - BC850W

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com