Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1854M Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1854M
Description  Three-Phase Brushless Motor Driver IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1854M Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1854M Datasheet HTML 1Page - Sanyo Semicon Device LB1854M Datasheet HTML 2Page - Sanyo Semicon Device LB1854M Datasheet HTML 3Page - Sanyo Semicon Device LB1854M Datasheet HTML 4Page - Sanyo Semicon Device LB1854M Datasheet HTML 5Page - Sanyo Semicon Device LB1854M Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
No. 4476-4/6
LB1854M
Truth Table
Input high: Phase 1 is 0.2 V or more higher than the corresponding phase 2 for each phase input.
Low: Phase 1 is 0.2 V or more lower than the corresponding phase 2 for each phase input.
Forward and reverse control high: 2.3 V to VCC1
Low: 0 V to 0.7 V
Pin Functions
Unit (resistance:
Ω)
Source
Input
Forward and reverse control
Sink
U
V
W
F/RC
1
W phase
→ V phase
H
H
L
L
V phase
→ W phase
H
2
W phase
→ U phase
H
L
L
L
U phase
→ W phase
H
3
V phase
→ W phase
L
L
H
L
W phase
→ V phase
H
4
U phase
→ V phase
L
H
L
L
V phase
→ U phase
H
5
V phase
→ U phase
H
L
H
L
U phase
→ V phase
H
6
U phase
→ W phase
L
H
H
L
W phase
→ U phase
H
Pin No.
Symbol
Pin voltage
Equivalent circuit
Function
1, 2, 14,
15, 16,
17, 29,
30
3
4
5
6
FRAME
(GND)
FC
VC REF
VC
VCC1
1.5 V min
VCC2 max
0 V min
VCC2 max
5 to 18 V
Ground for all circuits except the outputs
The gain frequency characteristics can be lowered by
connecting a capacitor between this pin and ground to
prevent oscillation.
Speed control
The LB1854M implements a voltage control scheme in
which the output voltage is controlled by the pin 5 voltage.
The pin 4 voltage determines the control start voltage.
Power supply that provides the drive outputs


Similar Part No. - LB1854M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1855 SANYO-LB1855 Datasheet
79Kb / 5P
   3-Phase Brushless Motor Driver
LB1855NM SANYO-LB1855NM Datasheet
79Kb / 5P
   3-Phase Brushless Motor Driver
LB1857 SANYO-LB1857 Datasheet
150Kb / 8P
   Three-Phase Brushless-Motor Driver
LB1857M SANYO-LB1857M Datasheet
150Kb / 8P
   Three-Phase Brushless-Motor Driver
More results

Similar Description - LB1854M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1881M SANYO-LB1881M Datasheet
115Kb / 6P
   Three-Phase Brushless Motor Driver IC
logo
Hitachi Semiconductor
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
   Three-Phase Brushless DC Motor Driver IC
HA13536F HITACHI-HA13536F Datasheet
62Kb / 16P
   Three-Phase Brushless DC Motor Driver IC
logo
Sanyo Semicon Device
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com