Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD540T Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BD540T
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BD540T Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BD540T Datasheet HTML 1Page - Pan Jit International Inc. BD540T Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
May 14.2010-REV.01
BD540T~BD5200T
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2 -MAXIMUM NON-REPETITIVE SURGE
CURRENT
NO. OF CYCLE AT 60H
Z
Fig.3-TYPICAL REVERSE CHARACTERISTIC
110
10
0
20
40
60
80
100
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
0.1
1.0
10
0.4
0.6
0.8
1.0
T=25 C
A
O
40V-45V
50V-60V
80V-100V
FORWARD VOLTAGE, VOLTS
150-200V
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
120 140
10
1.0
0.1
.01
.001
0
20406080 100
T =100 C
J
O
T=
J
75 C
O
T=
J
25 C
O
5.0
4.0
2.0
0
RESISTIVE OR INDUCTIVE LOAD
1.0
3.0
0
20
40
60
80
100
120
140
160 180
=40V
= 45-200V
CASE TEMPERATURE, C
O
1.2


Similar Part No. - BD540T

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD540 POINN-BD540 Datasheet
85Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD540 BOURNS-BD540 Datasheet
104Kb / 5P
   PNP SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD540 ISC-BD540 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
BD540 NJSEMI-BD540 Datasheet
129Kb / 2P
   Silicon PNP Power Transistor
logo
Power Innovations Ltd
BD540A POINN-BD540A Datasheet
85Kb / 6P
   PNP SILICON POWER TRANSISTORS
More results

Similar Description - BD540T

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com