Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1855NM Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1855NM
Description  3-Phase Brushless Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1855NM Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1855NM Datasheet HTML 1Page - Sanyo Semicon Device LB1855NM Datasheet HTML 2Page - Sanyo Semicon Device LB1855NM Datasheet HTML 3Page - Sanyo Semicon Device LB1855NM Datasheet HTML 4Page - Sanyo Semicon Device LB1855NM Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
No. 5798-4/5
LB1855NM
Continued from preceding page.
Pin No.
Pin
Pin voltage (V)
Pin description
Equivalent circuit
7
AGC
• AGC pin
The Hall amplifier gain can be controlled according to the
amplitude of the Hall input by inserting a capacitor between this
pin and ground.
8
VREF
• Internal reference voltage. About 6.3 V.
9
10
11
12
13
14
UIN1
UIN2
VIN1
VIN2
WIN1
WIN2
2.2 to
VCC – 0.7
• Hall element inputs pin
15
16
VCREF
VC
0 to 5
• Speed control pin
This IC adopts a current control type in which the output current
is controlled by the pin 16 voltage. The control start voltage
changes about 1.3 to 1.4 V if pin 15 is connected to ground.


Similar Part No. - LB1855NM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1854 SANYO-LB1854 Datasheet
107Kb / 6P
   Three-Phase Brushless Motor Driver IC
LB1854M SANYO-LB1854M Datasheet
107Kb / 6P
   Three-Phase Brushless Motor Driver IC
LB1857 SANYO-LB1857 Datasheet
150Kb / 8P
   Three-Phase Brushless-Motor Driver
LB1857M SANYO-LB1857M Datasheet
150Kb / 8P
   Three-Phase Brushless-Motor Driver
More results

Similar Description - LB1855NM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com