Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD580YT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BD580YT
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BD580YT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BD580YT Datasheet HTML 1Page - Pan Jit International Inc. BD580YT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
May 14.2010-REV.01
BD540YT~BD5200YT
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
.098(2.5)
.032(0.8)
.264(6.7)
.09 .09
.216(5.5)
.024(0.6)
.071(1.8)
.02(0.5)
.082(2.1)
.012(0.3)
.248(6.3)
(2.3) (2.3)
.200(5.1)
.016(0.4)
.051(1.3)
TO-251AB
Unit:inch(mm)
VOLTAGE
40 to 200 Volts
5 Amperes
CURRENT
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Low power loss, High efficiency
• High surge capacity
• For use in low voltage high frequency inverters, free wheeling, and
polarity protection applications
• In compliance with EU RoHS 2002/95/EC directives
MECHANCALDATA
• Case: TO-251AB molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: As marking
• Weight: 0.0104 ounces, 0.297 grams.
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Resistive or inductive load.
PA RA M E TE R
S YM B OL
B D 54 0YT
B D 5 4 5 YT B D 5 50YT B D 5 60 YT B D 58 0YT B D 5 9 0 YT B D 5 1 0 0 YT
B D 5 1 5 0 YT
B D 52 00 YT
UNITS
M a xi m um Re cur r e nt P e ak Re ve r s e Vo lt age
V
RRM
40
45
50
60
80
9 0
100
150
200
V
Ma xi mum RM S Vo lt a g e
V
RMS
28
31.5
3 5
4 2
5 6
6 3
7 0
105
140
V
Ma xi mum D C B lo c k i ng Vo lt a g e
V
DC
40
45
50
60
80
9 0
100
150
200
V
Aver age Re cti fi e d Outp ut C urr ent ( S e e F i gur e 1)
I
F(AV )
5.0
A
No n- Repe t i t i ve Peak F o r war d Surge C urr ent : 8.3m s
s i ng le ha lf s i ne - wave supe r i m pos ed on r a te d lo ad
I
FS M
100
A
For war d Vo lt age at 5. 0 A
V
F
0. 7 0
0. 74
0. 80
0.9
V
Peak Re ve r s e C urr ent T
J=2 5
OC
at Ra t ed D C B loc ki ng Vo lt age T
J = 100
OC
I
R
0.05
20
mA
Typi cal Ther m a l Re s i s t ance( Note 2)
Rθ
JC
5.0
OC /
W
Oper ati ng J unc ti on and S tor age Te m per ature Ra ng e
T
J ,T STG
-5 5 to +1 5 0
- 65 to + 1 75
OC


Similar Part No. - BD580YT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BD580YS PANJIT-BD580YS Datasheet
79Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
BD580YS ZSELEC-BD580YS Datasheet
146Kb / 2P
   5.0 A SCHOTTKY BARRIER DIODE
More results

Similar Description - BD580YT

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com