Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD850CS Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BD850CS
Description  DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BD850CS Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BD850CS Datasheet HTML 1Page - Pan Jit International Inc. BD850CS Datasheet HTML 2Page - Pan Jit International Inc. BD850CS Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE . 3
STAD-DEC.22.2008
MOUNTING PAD LAYOUT
• Packing information
T/R - 3K per 13" plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.


Similar Part No. - BD850CS

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
BD850CS ZSELEC-BD850CS Datasheet
146Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
More results

Similar Description - BD850CS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BD840S PANJIT-BD840S Datasheet
123Kb / 3P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD840YS PANJIT-BD840YS Datasheet
88Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD1020YS PANJIT-SD1020YS Datasheet
35Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SB620DC TRSYS-SB620DC Datasheet
167Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SD620CS WTE-SD620CS Datasheet
45Kb / 3P
   6.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020CS WTE-SD1020CS Datasheet
46Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD320YS WTE-SD320YS Datasheet
45Kb / 3P
   3.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820YS WTE-SD820YS Datasheet
44Kb / 3P
   8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020S WTE-SD1020S Datasheet
44Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020YS WTE-SD1020YS Datasheet
46Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com