Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZM55-C6V2 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BZM55-C6V2
Description  SURFACE MOUNT ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZM55-C6V2 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BZM55-C6V2 Datasheet HTML 1Page - Pan Jit International Inc. BZM55-C6V2 Datasheet HTML 2Page - Pan Jit International Inc. BZM55-C6V2 Datasheet HTML 3Page - Pan Jit International Inc. BZM55-C6V2 Datasheet HTML 4Page - Pan Jit International Inc. BZM55-C6V2 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
STAD-DEC.18.2008
BZM55-C2V4 SERIES
1
Notes.
STANDARD VOLTAGE TOLERANCE IS + 5% AND :
SUFFIX “ A” FOR + 1%
SUFFIX “ B” FOR + 2%
SUFFIX “ C” FOR + 5%
SUFFIX “ D” FOR + 20%
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
V Z @IZT
ZZT @IZT
ZZK @IZK
IR @VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
A
m
A
m
A
u
V
6
1
C
-
5
5
M
Z
B
6
1
3
.
5
1
1
.
7
1
0
4
5
0
7
1
1
1
.
0
2
1
8
1
C
-
5
5
M
Z
B
8
1
8
.
6
1
1
.
9
1
0
5
5
0
7
1
1
1
.
0
4
1
0
2
C
-
5
5
M
Z
B
0
2
8
.
8
1
2
.
1
2
5
5
5
0
2
2
1
1
.
0
5
1
2
2
C
-
5
5
M
Z
B
2
2
8
.
0
2
3
.
3
2
5
5
5
0
2
2
1
1
.
0
7
1
4
2
C
-
5
5
M
Z
B
4
2
8
.
2
2
6
.
5
2
0
8
5
0
2
2
1
1
.
0
8
1
7
2
C
-
5
5
M
Z
B
7
2
1
.
5
2
9
.
8
2
0
8
5
0
2
2
1
1
.
0
0
2
0
3
C
-
5
5
M
Z
B
0
3
8
2
2
3
0
8
5
0
2
2
1
1
.
0
2
2
3
3
C
-
5
5
M
Z
B
3
3
1
3
5
3
0
8
5
0
2
2
1
1
.
0
4
2
6
3
C
-
5
5
M
Z
B
6
3
4
3
8
3
0
8
5
0
2
2
1
1
.
0
7
2
9
3
C
-
5
5
M
Z
B
9
3
7
3
1
4
0
9
5
.
2
0
0
5
1
1
.
0
0
3
3
4
C
-
5
5
M
Z
B
3
4
0
4
6
4
0
9
5
.
2
0
0
6
1
1
.
0
3
3
7
4
C
-
5
5
M
Z
B
7
4
4
4
0
5
0
1
1
5
.
2
0
0
7
1
1
.
0
6
3
1
5
C
-
5
5
M
Z
B
1
5
8
4
4
5
5
2
1
5
.
2
0
0
7
5
.
0
1
.
0
9
3
6
5
C
-
5
5
M
Z
B
6
5
2
5
0
6
5
3
1
5
.
2
0
0
0
1
5
.
0
1
.
0
3
4
2
6
C
-
5
5
M
Z
B
2
6
8
5
6
6
0
5
1
5
.
2
0
0
0
1
5
.
0
1
.
0
7
4
8
6
C
-
5
5
M
Z
B
8
6
4
6
2
7
0
0
2
5
.
2
0
0
0
1
5
.
0
1
.
0
1
5
5
7
C
-
5
5
M
Z
B
5
7
0
7
9
7
0
5
2
5
.
2
0
0
5
1
5
.
0
1
.
0
6
5
2
8
C
-
5
5
M
Z
B
2
8
7
7
7
8
0
0
3
5
.
2
0
0
0
2
5
.
0
1
.
0
2
6
1
9
C
-
5
5
M
Z
B
1
9
5
8
6
9
0
5
4
1
0
0
0
5
1
.
0
1
.
0
8
6
0
0
1
C
-
5
5
M
Z
B
0
0
1
4
9
6
0
1
0
5
4
1
0
0
0
5
1
.
0
1
.
0
5
7


Similar Part No. - BZM55-C6V2

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BZM55-C6V2 GOOD-ARK-BZM55-C6V2 Datasheet
234Kb / 6P
   Zener Diodes
logo
Pan Jit International I...
BZM55-C6V2 PANJIT-BZM55-C6V2 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - BZM55-C6V2

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com