Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52-C3V3S Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BZT52-C3V3S
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZT52-C3V3S Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BZT52-C3V3S Datasheet HTML 1Page - Pan Jit International Inc. BZT52-C3V3S Datasheet HTML 2Page - Pan Jit International Inc. BZT52-C3V3S Datasheet HTML 3Page - Pan Jit International Inc. BZT52-C3V3S Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
REV.0.3-OCT.2.2009
BZT52-C2V4S SERIES
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
M
e
d
o
C
VZ @IZT
ZZT @IZT
ZZK @IZK
IR @VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
Ω
Ω
Ω
Ω
Ω
A
m
Ω
Ω
Ω
Ω
Ω
A
m
μA
V
s
e
d
o
i
D
r
e
n
e
Z
s
t
t
a
W
m
0
0
2
S
4
V
2
C
-
2
5
T
Z
B
4
.
2
8
2
.
2
2
5
.
2
5
8
0
.
5
0
0
6
0
0
.
1
0
0
1
0
.
1
1
W
S
7
V
2
C
-
2
5
T
Z
B
7
.
2
7
5
.
2
4
8
.
2
3
8
0
.
5
0
0
6
0
0
.
1
5
7
0
.
1
2
W
S
3
C
-
2
5
T
Z
B
0
.
3
5
8
.
2
5
1
.
3
5
9
0
.
5
0
0
6
0
0
.
1
0
5
0
.
1
3
W
S
3
V
3
C
-
2
5
T
Z
B
3
.
3
4
1
.
3
7
4
.
3
5
9
0
.
5
0
0
6
0
0
.
1
5
2
0
.
1
4
W
S
6
V
3
C
-
2
5
T
Z
B
6
.
3
2
4
.
3
8
7
.
3
5
9
0
.
5
0
0
6
0
0
.
1
5
1
0
.
1
5
W
S
9
V
3
C
-
2
5
T
Z
B
9
.
3
1
7
.
3
0
1
.
4
5
9
0
.
5
0
0
6
0
0
.
1
0
1
0
.
1
6
W
S
3
V
4
C
-
2
5
T
Z
B
3
.
4
9
0
.
4
2
5
.
4
5
9
0
.
5
0
0
6
0
0
.
1
0
.
5
0
.
1
7
W
S
7
V
4
C
-
2
5
T
Z
B
7
.
4
7
4
.
4
4
9
.
4
8
7
0
.
5
0
0
5
0
0
.
1
0
.
5
0
.
1
8
W
S
1
V
5
C
-
2
5
T
Z
B
1
.
5
5
8
.
4
6
3
.
5
0
6
0
.
5
0
8
4
0
0
.
1
1
.
0
8
.
0
9
W
S
6
V
5
C
-
2
5
T
Z
B
6
.
5
2
3
.
5
8
8
.
5
0
4
0
.
5
0
0
4
0
0
.
1
1
.
0
0
.
1
A
W
S
2
V
6
C
-
2
5
T
Z
B
2
.
6
9
8
.
5
1
5
.
6
0
1
0
.
5
0
5
1
0
0
.
1
1
.
0
0
.
2
B
W
S
8
V
6
C
-
2
5
T
Z
B
8
.
6
6
4
.
6
4
1
.
7
8
0
.
5
0
8
0
0
.
1
1
.
0
0
.
3
C
W
S
5
V
7
C
-
2
5
T
Z
B
5
.
7
3
1
.
7
8
8
.
7
7
0
.
5
0
8
0
0
.
1
1
.
0
0
.
5
D
W
S
2
V
8
C
-
2
5
T
Z
B
2
.
8
9
7
.
7
1
6
.
8
7
0
.
5
0
8
0
0
.
1
1
.
0
0
.
6
E
W
S
7
V
8
C
-
2
5
T
Z
B
7
.
8
7
2
.
8
4
1
.
9
7
0
.
5
0
0
1
0
0
.
1
1
.
0
5
.
6
C
7
8
S
1
V
9
C
-
2
5
T
Z
B
1
.
9
5
6
.
8
6
5
.
9
0
1
0
.
5
0
0
1
0
0
.
1
1
.
0
0
.
7
F
W
S
0
1
C
-
2
5
T
Z
B
0
1
0
5
.
9
0
5
.
0
1
5
1
0
.
5
0
5
1
0
0
.
1
1
.
0
5
.
7
G
W
S
1
1
C
-
2
5
T
Z
B
1
1
5
4
.
0
1
5
5
.
1
1
0
2
0
.
5
0
5
1
0
0
.
1
1
.
0
5
.
8
H
W
S
2
1
C
-
2
5
T
Z
B
2
1
0
4
.
1
1
0
6
.
2
1
0
2
0
.
5
0
5
1
0
0
.
1
1
.
0
0
.
9
I
W
S
3
1
C
-
2
5
T
Z
B
3
1
5
3
.
2
1
5
6
.
3
1
5
2
0
.
5
0
7
1
0
0
.
1
1
.
0
0
.
0
1
K
W
S
4
1
C
-
2
5
T
Z
B
4
1
0
3
.
3
1
0
7
.
4
1
5
2
0
.
5
0
7
1
0
0
.
1
1
.
0
5
.
0
1
J
W
S
5
1
C
-
2
5
T
Z
B
5
1
5
2
.
4
1
5
7
.
5
1
0
3
0
.
5
0
0
2
0
0
.
1
1
.
0
0
.
1
1
L
W
S
6
1
C
-
2
5
T
Z
B
6
1
0
2
.
5
1
0
8
.
6
1
0
4
0
.
5
0
0
2
0
0
.
1
1
.
0
0
.
2
1
M
W
S
7
1
C
-
2
5
T
Z
B
7
1
5
1
.
6
1
5
8
.
7
1
0
4
0
.
5
0
0
2
0
0
.
1
1
.
0
0
.
3
1
C
7
1
S
8
1
C
-
2
5
T
Z
B
8
1
0
1
.
7
1
0
9
.
8
1
0
5
0
.
5
5
2
2
0
0
.
1
1
.
0
0
.
4
1
N
W
S
0
2
C
-
2
5
T
Z
B
0
2
0
0
.
9
1
0
0
.
1
2
0
5
0
.
5
5
2
2
0
0
.
1
1
.
0
0
.
5
1
O
W
S
2
2
C
-
2
5
T
Z
B
2
2
0
9
.
0
2
0
1
.
3
2
5
5
0
.
5
0
5
2
0
0
.
1
1
.
0
0
.
7
1
P
W
S
4
2
C
-
2
5
T
Z
B
4
2
0
8
.
2
2
0
2
.
5
2
0
8
0
.
5
0
5
2
0
0
.
1
1
.
0
0
.
8
1
R
W
S
7
2
C
-
2
5
T
Z
B
7
2
5
6
.
5
2
5
3
.
8
2
0
8
0
.
5
0
0
3
0
0
.
1
1
.
0
0
.
0
2
S
W
S
8
2
C
-
2
5
T
Z
B
8
2
0
6
.
6
2
0
4
.
9
2
0
8
0
.
5
0
0
3
0
0
.
1
1
.
0
0
.
2
2
C
8
2
S
0
3
C
-
2
5
T
Z
B
0
3
0
5
.
8
2
0
5
.
1
3
0
8
0
.
5
0
0
3
0
0
.
1
1
.
0
5
.
2
2
T
W
S
3
3
C
-
2
5
T
Z
B
3
3
5
3
.
1
3
5
6
.
4
3
0
8
0
.
5
5
2
3
0
0
.
1
1
.
0
0
.
5
2
U
W
S
6
3
C
-
2
5
T
Z
B
6
3
0
2
.
4
3
0
8
.
7
3
0
9
0
.
5
0
5
3
0
0
.
1
1
.
0
0
.
7
2
W
W
S
9
3
C
-
2
5
T
Z
B
9
3
5
0
.
7
3
5
9
.
0
4
0
9
0
.
5
5
7
3
0
0
.
1
1
.
0
0
.
9
2
X
W
S
3
4
C
-
2
5
T
Z
B
3
4
5
8
.
0
4
5
1
.
5
4
0
0
1
0
.
5
5
7
3
0
0
.
1
1
.
0
0
.
2
3
Y
W
S
7
4
C
-
2
5
T
Z
B
7
4
5
6
.
4
4
5
3
.
9
4
0
0
1
0
.
5
5
7
3
0
0
.
1
1
.
0
0
.
5
3
Z
W
S
1
5
C
-
2
5
T
Z
B
1
5
5
4
.
8
4
5
5
.
3
5
0
0
1
0
.
5
0
0
4
0
0
.
1
1
.
0
0
.
8
3
A
X
S
6
5
C
-
2
5
T
Z
B
6
5
0
2
.
3
5
0
8
.
8
5
5
3
1
5
.
2
0
0
0
1
0
0
.
1
1
.
0
0
.
2
4
2
X
S
2
6
C
-
2
5
T
Z
B
2
6
0
9
.
8
5
0
1
.
5
6
0
5
1
5
.
2
0
0
0
1
0
0
.
1
1
.
0
0
.
6
4
3
X
S
8
6
C
-
2
5
T
Z
B
8
6
0
6
.
4
6
0
4
.
1
7
0
0
2
5
.
2
0
0
0
1
0
0
.
1
1
.
0
0
.
1
5
4
X
S
5
7
C
-
2
5
T
Z
B
5
7
5
2
.
1
7
5
7
.
8
7
0
5
2
5
.
2
0
0
0
1
0
0
.
1
1
.
0
0
.
6
5
5
X


Similar Part No. - BZT52-C3V3S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZT52-C3V3S PANJIT-BZT52-C3V3S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C3V3S PANJIT-BZT52-C3V3S Datasheet
80Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotech Company.
BZT52-C3V3S DIOTECH-BZT52-C3V3S Datasheet
1Mb / 3P
   SURFACE MOUNT ZENER DIODE
logo
WILLAS ELECTRONIC CORP
BZT52-C3V3S WILLAS-BZT52-C3V3S Datasheet
303Kb / 3P
   200mW SURFACE MOUNT SILICON ZENER DIODES 2.4V~51V SOD-323 PACKAGE
logo
Pan Jit International I...
BZT52-C3V3S-AU PANJIT-BZT52-C3V3S-AU Datasheet
79Kb / 6P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZT52-C3V3S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com