Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27C51P Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BZD27C51P
Description  VOLTAGE REGULATOR DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZD27C51P Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BZD27C51P Datasheet HTML 1Page - Pan Jit International Inc. BZD27C51P Datasheet HTML 2Page - Pan Jit International Inc. BZD27C51P Datasheet HTML 3Page - Pan Jit International Inc. BZD27C51P Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
STAD-JAN.12.2007
BZD27C3V6P~BZD27C75P
Typical Characteristics (T =25 C unless otherwise specified)
A
O
q
Figure1. Forward Current vs. Forward Voltage
Figure2. Typ. Diode Capacitance vs. Reverse
Voltage
Figure3. Power Dissipation vs. Ambient Temperature
0.10
1.00
10.00
0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6
V - Forward Current vs. Forward Voltage
F
Typ. VF
Max. VF
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10000
1000
10
100
V - Reverse Voltage (V)
R
C5V1P
C6V8P
C12P
C27P
C51P
C18P
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
T
A
- Ambient Temperature ( C)
O
q
ambient temperature
tie point temperature
Figure4. Maximum Pulse Power Dissipation vs.
Zener Voltage
Figure5. Non-Repetitive Peak
Reverse
Current
Pulse
Definition
0
20
40
60
80
100
120
140
160
025
50
75
V
- Zener Voltage(V)
znom
t
IRSM
100
90
50
10
t1
t2
(%)
t1 = 10
ms
t2 = 1000
ms


Similar Part No. - BZD27C51P

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C51P VAISH-BZD27C51P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
SUNMATE electronic Co.,...
BZD27C51P SUNMATE-BZD27C51P Datasheet
1Mb / 2P
   800mW Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
BZD27C51P TSC-BZD27C51P Datasheet
166Kb / 3P
   Voltage Regulator Diodes
BZD27C51P TSC-BZD27C51P Datasheet
204Kb / 6P
   1W, 6.8V - 220V Voltage Regulator Diodes
BZD27C51P TSC-BZD27C51P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
More results

Similar Description - BZD27C51P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com