Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DI206 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # DI206
Description  DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DI206 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  DI206 Datasheet HTML 1Page - Pan Jit International Inc. DI206 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
REV.0.0-NOV.05.2009
DI200~DI2010
• Plastic material used carries Underwriters
Laboratory recognition 94V-O
• Low leakage
• Surge overload rating-- 50 amperes peak
• Ideal for printed circuit board
• Exceeds environmental standards of MIL-S-19500/228
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: Reliable low cost construction utilizing molded plastic technique
results in inexpensive product
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: Polarity symbols molded or marking on body
• Mounting Position: Any
• Weight: 0.0115 ounce, 0.3268 gram
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.Single phase, half wave, 60Hz, Resistive or inductive load.
For capacitive load, derate current by 20%
NOTES:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.5 X 0.5"(13 X 13mm) copper pads
DIP
Unit:inch(mm)
.335(8.51)
.045(1.14)
.022(0.56)
.075(1.90)
.205(5.2)
.195(5.0)
.316(8.05)
.035(0.89)
.018(0.46)
.055(1.39)
FEATURES
VOLTAGE
50~1000 Volts
2.0 Amperes
CURRENT
PA RA M E TE R
S YM BOL
D I200 DI201 D I202 D I204 D I206 D I208 D I2010
UNITS
Ma xi m um Re c urr ent Peak Re ve r s e Vo ltage
V
RRM
50
1 0 0
200
400
600
800
1000
V
Ma xi m um RMS Br i d g e Input Vo ltage
V
RMS
35
70
140
2 8 0
420
560
700
V
Ma xi m um D C B lock i ng Vo ltage
V
DC
50
1 0 0
200
400
600
800
1000
V
Ma xi m um A verage For war d C urr ent T
A =4 0
O CI
F(AV )
2.0
A
Peak Forward Surge C urr e nt:8 .3 ms s i ng le ha lf si ne - wave
s uperi m pos ed on ra ted lo a d ( J E D EC me thod)
I
FS M
50
A
I2t Ra ti ng fo r fus i ng ( t<8 .3 5 ms )
I2t
10.0
A 2S
Ma xi m um F o rward Vo ltage D r op per Br i dge E lem ent at 2.0A
V
F
1.1
V
Ma xi m um DC Re ve r s e Curr e ntT
J= 25
OC
at Ra ted D C B loc k i ng Vo ltage T
J = 125
OC
I
R
5.0
500
μA
Typi c a l J unc ti on c apaci tance ( Note 1)
C
J
25
pF
Typi c a l ther ma l r e s i stance per leg ((Note 2)
Rθ
JA
Rθ
JL
40
15
OC / W
Operati ng Juns ti on and Stor age Te m perature Ra ng e
T
J,TsTG
-55 to + 150
OC


Similar Part No. - DI206

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
DI206 ZSELEC-DI206 Datasheet
119Kb / 2P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Compact Technology Corp...
DI206S CTC-DI206S Datasheet
128Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Pan Jit International I...
DI206S PANJIT-DI206S Datasheet
52Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Compact Technology Corp...
DI206S CTC-DI206S Datasheet
227Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
DI206S ZSELEC-DI206S Datasheet
118Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DI206

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DI150 PANJIT-DI150_07 Datasheet
62Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI100 PANJIT-DI100_06 Datasheet
72Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI100 PANJIT-DI100_04 Datasheet
71Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Transys Electronics
DI100 TRSYS-DI100 Datasheet
154Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
DI150 PANJIT-DI150 Datasheet
47Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI100 PANJIT-DI100_V01 Datasheet
61Kb / 4P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
March 11,2016-REV.02
logo
Guangdong Juxing Electr...
GBP200 JUXING-GBP200 Datasheet
360Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
2KBP005M PANJIT-2KBP005M Datasheet
88Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBL400 PANJIT-GBL400_04 Datasheet
47Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP300 PANJIT-GBP300_04 Datasheet
36Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com