Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ED502T Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ED502T
Description  SUPERFAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ED502T Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ED502T Datasheet HTML 1Page - Pan Jit International Inc. ED502T Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-MAR.06.2009
ED502T~ED506T
85
75
65
55
45
35
25
15
5
1
2
5
10
20
50
100
NO. OF CYCLES AT 60Hz
8.3ms Single Half Since-Wave
JEDEC Method
.6
.8
1.0
1
1
..
46
1.2
1.8
40
10
1
.1
2.0
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
T=25 C
Pulse Width=200us
J
O
600V
300-400V
200V
0
50
100
150
10.0
8.0
6.0
4.0
2.0
0
CASE TEMPERATURE, C
O
Fig.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
RATING AND CHARACTERISTIC CURVES
RATING AND CHARACTERISTIC CURVES
Fig.1-FORWARD CURRENT DERATING CURVE
Fig.1-FORWARD CURRENT DERATING CURVE
Fig.3-TYPICAL REVERSE CHARACTERISTICS
Fig.3-TYPICAL REVERSE CHARACTERISTICS
Fig.4-MAXIMUM NON-REPETITIVE SURGE CURRENT
Fig.4-MAXIMUM NON-REPETITIVE SURGE CURRENT
Fig.5-TYPICAL JUNCTION CAPACITANCE
Fig.5-TYPICAL JUNCTION CAPACITANCE
1
2
5
10
20
50 100
80
70
60
50
40
30
0
200
500
REVERSE VOLTAGE, VOLTS
PERCENT OF RATED PEAK INVERSE VOLTGE, VOLTS
1000
100
10
1.0
0.1
20
40
60
80
100
120
T= 75 C
J
O
T= 25 C
J
O
T = 125 C
J
O


Similar Part No. - ED502T

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ED502T PANJIT-ED502T Datasheet
40Kb / 2P
   SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 5.0 Amperes)
ED502T PANJIT-ED502T Datasheet
46Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE- 200 to 600 Volts CURRENT - 5.0 Amperes
ED502T PANJIT-ED502T_03 Datasheet
46Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE- 200 to 600 Volts CURRENT - 5.0 Amperes
More results

Similar Description - ED502T

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER100 TRSYS-ER100 Datasheet
198Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS
ER100S TRSYS-ER100S Datasheet
147Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ER100 PANJIT-ER100_09 Datasheet
47Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
SF31 HY-SF31 Datasheet
38Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
EDT302S PANJIT-EDT302S Datasheet
415Kb / 5P
   SUPERFAST RECOVERY RECTIFIERS
MURC4JI PANJIT-MURC4JI Datasheet
176Kb / 4P
   SUPERFAST RECOVERY RECTIFIERS
ED602CS PANJIT-ED602CS_04 Datasheet
48Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SF51 SEMTECH_ELEC-SF51 Datasheet
309Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
SF11 SEMTECH_ELEC-SF11 Datasheet
204Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ED802CT PANJIT-ED802CT_04 Datasheet
39Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com