Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1877 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB1877
Description  Brushless Motor Driver with Speed Control for Portable Cassette Recorders
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1877 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1877 Datasheet HTML 1Page - Sanyo Semicon Device LB1877 Datasheet HTML 2Page - Sanyo Semicon Device LB1877 Datasheet HTML 3Page - Sanyo Semicon Device LB1877 Datasheet HTML 4Page - Sanyo Semicon Device LB1877 Datasheet HTML 5Page - Sanyo Semicon Device LB1877 Datasheet HTML 6Page - Sanyo Semicon Device LB1877 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LB1877M
No. 6199-5/7
Pin number
18
9
12
7
8
14
13
15
10
Pin Description
Unit (resistance:
Ω, capacitance: F)
Pin name
VCC
GND
VREF
OSC
COM
VSP
IN+
OUT
RI
Pin voltage
1.8V to 5.0V
0.7V to 0.9V
1V to Vcc
1.3V to Vcc
0.1V to
Vcc – 0.7V
Equivalent circuit
Pin function
Power supply for all circuits
Ground for all circuits except
FC and power block.
Internal reference voltage.
Connected as speed control
voltage to IN+ pin via external
resistor.
Startup oscillator pin.
Adjusts self-excitation
frequency via external
capacitor.
Determines threshold voltage
of waveform detection circuit.
Connected to Vcc via an
external resistor.
Varies the startup threshold
voltage.
Peak detection circuit output
pin.
Error amplifier non-inverted
pin.
Controls rotation speed via
input pin voltage.
Error amplifier output pin.
Connect external resistor
between Vsp pins for
feedback.
Current feedback output pin.
Connect external resistor
between this pin and ground
for current feedback
adjustment.
Continued on next page
12
50k
200
7
To WOUT
To VOUT
To UOUT
To comparator input
20k
20k
20k
1k
20k
10k
8
Drive
current
I
10k
200
10k 10k 10k
200
5k
14
10
15
13
To U,V,WOUT


Similar Part No. - LB1877

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1877 SANYO-LB1877 Datasheet
71Kb / 7P
   Brushless Motor Driver with Speed Control for Portable Cassette Recorders
LB1877V SANYO-LB1877V Datasheet
71Kb / 7P
   Brushless Motor Driver with Speed Control for Portable Cassette Recorders
More results

Similar Description - LB1877

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1877V SANYO-LB1877V Datasheet
71Kb / 7P
   Brushless Motor Driver with Speed Control for Portable Cassette Recorders
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
LA1828 SANYO-LA1828 Datasheet
153Kb / 13P
   Single-Chip Tuner IC for Portable Radio /Cassette Recorders with Manual Tuning
logo
Silicon Touch Technolog...
ST1115C SITI-ST1115C Datasheet
230Kb / 13P
   PWM Speed Control Double Coil Brushless DC Motor Driver
logo
Sanyo Semicon Device
LB1951V SANYO-LB1951V Datasheet
211Kb / 9P
   3-Phase Brushless Motor Driver for Portable VCR Capstan Use
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LV8104V SANYO-LV8104V Datasheet
415Kb / 19P
   For Variable Speed Control Three-Phase Brushless Motor Predriver
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LB1822 SANYO-LB1822 Datasheet
112Kb / 5P
   3-phase Brushless Motor Predriver with Digital Speed Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com