Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER202 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ER202
Description  SUPERFAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER202 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ER202 Datasheet HTML 1Page - Pan Jit International Inc. ER202 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-FEB.18.2009
ER200~ER206
RATING AND CHARACTERISTIC CURVES
FIG.2 MAXIMUM NON-REPEITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
FIG.1 MAXIMUM AVERAGE FORWARD CURRENT RATING
AMBIENT TEMPERATURE, C
O
.
2.0
3.0
4.0
.
1.0.
.
0
0
20
40
60
80
100
120
140
160
180
SINGLE PHASE, HALF-WAVE, 60Hz RESISTIVE
OR INDUCTIVE LOAD .375" (9mm) LEAD LENGTHS
FIG.5 TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
INSTANTANEOUS FORWARD VOLTAGE VOLTS
1
100
0
1.0
0.1
.01
0.4
0.8
1.2
1.6
2.0
2.4
2.8
0
T= 25 C
J
O
600V
50-200V
300-400V
FIG.4 TYPICAL FORWARD CHARACTERISTICS
60
50
40
30
20
10
12
5
10
20
50
100
60
50
40
30
20
10
0.1
0.5
1
5
10
20
50 100 200
500 1000
FIG.3 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK INVERSE VOLTGE, VOLTS
1000
100
10
1.0
0.1
20
40
60
80
100
120
T= 75 C
J
O
T= 25 C
J
O
T = 125 C
J
O


Similar Part No. - ER202

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER202 PANJIT-ER202 Datasheet
67Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)
logo
Zibo Seno Electronic En...
ER202 ZSELEC-ER202 Datasheet
116Kb / 2P
   2.0A SUPERFAST RECTIFIER
logo
Transys Electronics
ER202 TRSYS-ER202 Datasheet
188Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
ER202 LUGUANG-ER202 Datasheet
1Mb / 2P
   Super Fast Rectifiers
logo
Pan Jit International I...
ER202 PANJIT-ER202 Datasheet
54Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ER202

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER100 TRSYS-ER100 Datasheet
198Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS
ER100S TRSYS-ER100S Datasheet
147Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ER100 PANJIT-ER100_09 Datasheet
47Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
SF31 HY-SF31 Datasheet
38Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
EDT302S PANJIT-EDT302S Datasheet
415Kb / 5P
   SUPERFAST RECOVERY RECTIFIERS
MURC4JI PANJIT-MURC4JI Datasheet
176Kb / 4P
   SUPERFAST RECOVERY RECTIFIERS
ED602CS PANJIT-ED602CS_04 Datasheet
48Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SF51 SEMTECH_ELEC-SF51 Datasheet
309Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
SF11 SEMTECH_ELEC-SF11 Datasheet
204Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ED802CT PANJIT-ED802CT_04 Datasheet
39Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com