Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER501 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ER501
Description  GLASS PASSIVATED JUNCTION SUPERFAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER501 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ER501 Datasheet HTML 1Page - Pan Jit International Inc. ER501 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-MAR.06.2009
ER500~ER506
NO. OF CYCLES AT 60Hz
.6
.8
1.0
1
1
..
46
1.2
1.8
40
10
1
.1
2.0
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
T=25 C
Pulse Width=200us
J
O
600V
300-400V
200V
0
50
100
150
10.0
8.0
6.0
4.0
2.0
0
CASE TEMPERATURE, C
O
Fig.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
RATING AND CHARACTERISTIC CURVES
RATING AND CHARACTERISTIC CURVES
Fig.1-FORWARD CURRENT DERATING CURVE
Fig.1-FORWARD CURRENT DERATING CURVE
Fig.3-TYPICAL REVERSE CHARACTERISTICS
Fig.3-TYPICAL REVERSE CHARACTERISTICS
Fig.4-MAXIMUM NON-REPETITIVE SURGE CURRENT
Fig.4-MAXIMUM NON-REPETITIVE SURGE CURRENT
Fig.5-TYPICAL JUNCTION CAPACITANCE
Fig.5-TYPICAL JUNCTION CAPACITANCE
1
2
5
10
20
50 100
80
70
60
50
40
30
0
200
500
REVERSE VOLTAGE, VOLTS
30
60
90
120
150
1
2
46
8 10
20
40
60 80 100
PERCENT OF RATED PEAK INVERSE VOLTGE, VOLTS
1000
100
10
1.0
0.1
20
40
60
80
100
120
T= 75 C
J
O
T= 25 C
J
O
T = 125 C
J
O


Similar Part No. - ER501

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER501 PANJIT-ER501 Datasheet
62Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 5.0 Amperes)
logo
Transys Electronics
ER501 TRSYS-ER501 Datasheet
152Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ER501 PANJIT-ER501 Datasheet
47Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Shenzhen Taychipst Elec...
ER501 TAYCHIPST-ER501 Datasheet
2Mb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
ER501 SUNMATE-ER501 Datasheet
280Kb / 2P
   SUPER FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - ER501

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GR2A EIC-GR2A Datasheet
47Kb / 2P
   GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
UF150G PANJIT-UF150G_04 Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
UF150G PANJIT-UF150G_09 Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
PG100RS PANJIT-PG100RS_09 Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
FR103G LRC-FR103G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction Fast Recovery Rectifiers
1N4947G LRC-1N4947G Datasheet
199Kb / 7P
   Glass Passivated Junction Fast Recovery Rectifiers
logo
EIC discrete Semiconduc...
FR151G EIC-FR151G Datasheet
31Kb / 2P
   GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
FR251G EIC-FR251G Datasheet
47Kb / 2P
   GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
GROA EIC-GROA Datasheet
48Kb / 2P
   GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
GRN3 EIC-GRN3 Datasheet
47Kb / 2P
   GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com