Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT493A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMT493A
Description  SOT23 60V NPN SILICON PLANAR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT493A Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMT493A Datasheet HTML 1Page - Diodes Incorporated FMMT493A Datasheet HTML 2Page - Diodes Incorporated FMMT493A Datasheet HTML 3Page - Diodes Incorporated FMMT493A Datasheet HTML 4Page - Diodes Incorporated FMMT493A Datasheet HTML 5Page - Diodes Incorporated FMMT493A Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SEMICO NDUC TORS
FMMT493A
ISSUE 2 - AUGUST 2003
2
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Collector - Base
Breakdown Voltage
V
(BR)CBO
120
V
I
C = 100
A
Collector - Emitter
Breakdown Voltage
V
CEO(SUS)
60
V
I
C = 10mA*
Emitter - Base
Breakdown Voltage
V
(BR)EBO
5V
I
E = 100
A
Collector Cut-Off Current
I
CBO
100
nA
V
CB = 45V
Collector Cut-Off Current
I
CES
100
nA
V
CES = 45V
Emitter Cut-Off Current
I
EBO
100
nA
V
EB =4V
Collector - Emitter
Saturation Voltage
V
CE(SAT)
0.25
0.5
V
V
I
C = 500mA, IB = 50mA
I
C = 1A, IB = 100mA
Base - Emitter Saturation
Voltage
V
BE(SAT)
1.15
V
I
C=1A, IB = 100mA
Base Emitter Turn On
Voltage
V
BE(ON)
1.0
V
I
C = 1A, VCE - 10V
Static Forward Current
Transfer Ratio
h
FE
300
500
300
100
20
1200
I
C =1mA,VCE = 10V
I
C = 150mA, VCE = 10V
I
C = 250mA, VCE = 10V
I
C = 500mA, VCE = 10V
I
C = 1A, VCE = 10V
Transition Frequency
f
T
150
Mhz
I
C = 50mA, VCE = 10V
f = 100MHz
Output Capacitance
C
OBO
10
pF
V
CB = 10V, f = 1MHz
ELECTRICAL CHARACTERISTICS (at Tamb = 25 C).
*Measured under pulsed conditions. Pulse width = 300 s. Duty Cycle <2%


Similar Part No. - FMMT493A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT493A ZETEX-FMMT493A Datasheet
163Kb / 6P
   60V NPN SILICON PLANAR MEDIUM POWER PLANAR TRANSISTOR
logo
Diodes Incorporated
FMMT493A DIODES-FMMT493A Datasheet
457Kb / 7P
   120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
FMMT493ATA ZETEX-FMMT493ATA Datasheet
163Kb / 6P
   60V NPN SILICON PLANAR MEDIUM POWER PLANAR TRANSISTOR
logo
Diodes Incorporated
FMMT493ATA DIODES-FMMT493ATA Datasheet
457Kb / 7P
   120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
FMMT493ATC ZETEX-FMMT493ATC Datasheet
163Kb / 6P
   60V NPN SILICON PLANAR MEDIUM POWER PLANAR TRANSISTOR
More results

Similar Description - FMMT493A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT493A DIODES-FMMT493A_15 Datasheet
146Kb / 6P
   SOT23 60V NPN SILICON PLANAR MEDIUM POWER PLANAR TRANSISTOR
logo
Zetex Semiconductors
BC849A ZETEX-BC849A Datasheet
52Kb / 3P
   SOT23 NPN SILICON PLANAR
logo
Diodes Incorporated
FMMT6517 DIODES-FMMT6517 Datasheet
60Kb / 1P
   SOT23 NPN SILICON PLANAR
FMMT495 DIODES-FMMT495 Datasheet
127Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM
logo
Zetex Semiconductors
FMMT2222 ZETEX-FMMT2222 Datasheet
45Kb / 2P
   SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
FMMT4123 ZETEX-FMMT4123 Datasheet
30Kb / 1P
   SOT23 NPN SILICON PLANAR SWITCHING TRANSISTOR
FMMT3903 ZETEX-FMMT3903 Datasheet
46Kb / 2P
   SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
BCV47 ZETEX-BCV47 Datasheet
253Kb / 1P
   SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
FMMT413 DIODES-FMMT413 Datasheet
151Kb / 6P
   SOT23 NPN silicon planar avalanche transistor
FMMT415 DIODES-FMMT415 Datasheet
108Kb / 2P
   SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com