Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1006FL Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ES1006FL
Description  SMALL SURFACE MOUNT SUPER FAST DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ES1006FL Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ES1006FL Datasheet HTML 1Page - Pan Jit International Inc. ES1006FL Datasheet HTML 2Page - Pan Jit International Inc. ES1006FL Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
July 06.2010-REV.04
ES1001FL~ES1006FL
Fig.1-TYPICAL JUNCTION CAPACITANCE
Fig.1-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
TJ=25 C
f=1.0MHz
Vsig=50mVp-p
O
RATING AND CHARACTERISTIC CURVES
Fig.2-AXIMUM AVERAGE FORWARD CURRENT DERATING
Fig.2-AXIMUM AVERAGE FORWARD CURRENT DERATING
LEAD TEMPERATURE C
O
SINGLE PHASE, HALF-WAVE, 60Hz RESISTIVE
OR INDUCTIVE LOAD P.C.B MOUNTED
ON 0.3x0.3” (8.0 x 8.0 mm)COPER PAD AREAS
Fig.3-TYPICAL FORWARD CHARACTERISTICS
Fig.3-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
0.01
0.1
1
10
100
0
20
40
60
80
100 120 140 160
VR=600V
T , JUNCTION TEMPERATURE ( C)
J
O
Fig.4-TYPICAL LEAKAGE CURRENT vs JUNCTION TEMPERATURE
Fig.4-TYPICAL LEAKAGE CURRENT vs JUNCTION TEMPERATURE


Similar Part No. - ES1006FL

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
ES1006FL SUNMATE-ES1006FL Datasheet
325Kb / 2P
   SMALL SURFACE MOUNT ULTRA FAST DIODES
logo
Zibo Seno Electronic En...
ES1006FL ZSELEC-ES1006FL Datasheet
141Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
logo
SAMYANG ELECTRONICS CO....
ES1006FL SAMYANG-ES1006FL Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
ES1006FL DAESAN-ES1006FL Datasheet
385Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
logo
Pan Jit International I...
ES1006FL-AU PANJIT-ES1006FL-AU Datasheet
201Kb / 5P
   SMALL SURFACE MOUNT SUPER FAST DIODES
More results

Similar Description - ES1006FL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1001FL-AU PANJIT-ES1001FL-AU Datasheet
201Kb / 5P
   SMALL SURFACE MOUNT SUPER FAST DIODES
US1001FL PANJIT-US1001FL_10 Datasheet
82Kb / 3P
   SMALL SURFACE MOUNT FAST DIODES
RS1001FL PANJIT-RS1001FL Datasheet
110Kb / 3P
   SMALL SURFACE MOUNT FAST DIODES
US1008FL-AU PANJIT-US1008FL-AU Datasheet
134Kb / 5P
   SMALL SURFACE MOUNT FAST DIODES
RS1001FL PANJIT-RS1001FL_10 Datasheet
184Kb / 3P
   SMALL SURFACE MOUNT FAST DIODES
logo
SUNMATE electronic Co.,...
ES1001FL SUNMATE-ES1001FL Datasheet
325Kb / 2P
   SMALL SURFACE MOUNT ULTRA FAST DIODES
logo
Pan Jit International I...
US1001FL PANJIT-US1001FL Datasheet
126Kb / 3P
   SMALL SURFACE MOUNT ULTRA FAST DIODES
logo
SUNMATE electronic Co.,...
UH1B SUNMATE-UH1B Datasheet
337Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ER1AA SUNMATE-ER1AA Datasheet
429Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ER2A SUNMATE-ER2A Datasheet
335Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com