Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS751 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTS751
Description  2.25 V low-voltage local digital temperature sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751 Datasheet(HTML) 5 Page - STMicroelectronics

  STTS751 Datasheet HTML 1Page - STMicroelectronics STTS751 Datasheet HTML 2Page - STMicroelectronics STTS751 Datasheet HTML 3Page - STMicroelectronics STTS751 Datasheet HTML 4Page - STMicroelectronics STTS751 Datasheet HTML 5Page - STMicroelectronics STTS751 Datasheet HTML 6Page - STMicroelectronics STTS751 Datasheet HTML 7Page - STMicroelectronics STTS751 Datasheet HTML 8Page - STMicroelectronics STTS751 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
STTS751
List of figures
Doc ID 16483 Rev 5
5/36
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Pinout - SOT23-6L and UDFN-6L. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
Application hardware hookup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
SMBus timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 6.
EVENT output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 7.
Therm output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 8.
AC measurement I/O waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 9.
UDFN-6L (2 mm x 2 mm x 0.5 mm) package mechanical drawing . . . . . . . . . . . . . . . . . . 29
Figure 10.
SOT23-6L (2.90 mm x 2.80 mm) package mechanical drawing. . . . . . . . . . . . . . . . . . . . . 30
Figure 11.
UDFN-6L package footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 12.
SOT23-6L package footprint. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 13.
Carrier tape for UDFN-6L and SOT23-6L packages. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 14.
Reel schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33


Similar Part No. - STTS751

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTS75 STMICROELECTRONICS-STTS75 Datasheet
320Kb / 38P
   Digital temperature sensor and thermal watchdog
STTS75 STMICROELECTRONICS-STTS75 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STTS752E STMICROELECTRONICS-STTS752E Datasheet
320Kb / 38P
   Digital temperature sensor and thermal watchdog
STTS752F STMICROELECTRONICS-STTS752F Datasheet
320Kb / 38P
   Digital temperature sensor and thermal watchdog
STTS75DS2E STMICROELECTRONICS-STTS75DS2E Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
More results

Similar Description - STTS751

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Renesas Technology Corp
TS3001GB2A0 RENESAS-TS3001GB2A0 Datasheet
704Kb / 24P
   Local Temperature Sensor
April 06, 2012
TS3000B3A RENESAS-TS3000B3A Datasheet
688Kb / 23P
   Local Temperature Sensor
November 29, 2010
logo
Texas Instruments
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
logo
Renesas Technology Corp
TS3000GB0A0 RENESAS-TS3000GB0A0 Datasheet
884Kb / 26P
   1.8V Local Temperature Sensor
November 4, 2014
logo
Texas Instruments
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
logo
Maxim Integrated Produc...
MAX31725 MAXIM-MAX31725 Datasheet
1Mb / 15P
   ±0.5°C Local Temperature Sensor
Rev 0; 9/12
MAX1668 MAXIM-MAX1668_00 Datasheet
224Kb / 16P
   Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com