Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS751-1DP3F Datasheet(PDF) 10 Page - STMicroelectronics

Part # STTS751-1DP3F
Description  2.25 V low-voltage local digital temperature sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751-1DP3F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STTS751-1DP3F Datasheet HTML 6Page - STMicroelectronics STTS751-1DP3F Datasheet HTML 7Page - STMicroelectronics STTS751-1DP3F Datasheet HTML 8Page - STMicroelectronics STTS751-1DP3F Datasheet HTML 9Page - STMicroelectronics STTS751-1DP3F Datasheet HTML 10Page - STMicroelectronics STTS751-1DP3F Datasheet HTML 11Page - STMicroelectronics STTS751-1DP3F Datasheet HTML 12Page - STMicroelectronics STTS751-1DP3F Datasheet HTML 13Page - STMicroelectronics STTS751-1DP3F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
SMBus interface
STTS751
10/36
Doc ID 16483 Rev 5
3
SMBus interface
3.1
SMBus protocol
The STTS751 communicates over a 2-wire serial interface compatible with the SMBus
standard. Temperature data, alarm limits and configuration information are communicated
over the bus. A detailed timing diagram is shown below in Figure 5.
Figure 5.
SMBus timing diagram
The STTS751 supports standard SMBus protocols (see Table 4, 5, 6, and 7).
WRITE byte
READ byte
SEND byte
RECEIVE byte
Alert response address
PS
P
S - start condition
P - stop condition
TBUF
THD; STA
TLOW
TR
THIGH
THD; STA
TF
TSU:STO
TSU:STA
TSU:DAT
THD:DAT
S
SMCLK
SMDATA
AM03067v1


Similar Part No. - STTS751-1DP3F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTS75 STMICROELECTRONICS-STTS75 Datasheet
320Kb / 38P
   Digital temperature sensor and thermal watchdog
STTS75 STMICROELECTRONICS-STTS75 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STTS752E STMICROELECTRONICS-STTS752E Datasheet
320Kb / 38P
   Digital temperature sensor and thermal watchdog
STTS752F STMICROELECTRONICS-STTS752F Datasheet
320Kb / 38P
   Digital temperature sensor and thermal watchdog
STTS75DS2E STMICROELECTRONICS-STTS75DS2E Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
More results

Similar Description - STTS751-1DP3F

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Renesas Technology Corp
TS3001GB2A0 RENESAS-TS3001GB2A0 Datasheet
704Kb / 24P
   Local Temperature Sensor
April 06, 2012
TS3000B3A RENESAS-TS3000B3A Datasheet
688Kb / 23P
   Local Temperature Sensor
November 29, 2010
logo
Texas Instruments
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
logo
Renesas Technology Corp
TS3000GB0A0 RENESAS-TS3000GB0A0 Datasheet
884Kb / 26P
   1.8V Local Temperature Sensor
November 4, 2014
logo
Texas Instruments
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
logo
Maxim Integrated Produc...
MAX31725 MAXIM-MAX31725 Datasheet
1Mb / 15P
   ±0.5°C Local Temperature Sensor
Rev 0; 9/12
MAX1668 MAXIM-MAX1668_00 Datasheet
224Kb / 16P
   Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com