Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

009276001021106 Datasheet(PDF) 1 Page - AVX Corporation

Part # 009276001021106
Description  Discrete Wire-to-Board; Poke-Home
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

009276001021106 Datasheet(HTML) 1 Page - AVX Corporation

  009276001021106 Datasheet HTML 1Page - AVX Corporation 009276001021106 Datasheet HTML 2Page - AVX Corporation 009276001021106 Datasheet HTML 3Page - AVX Corporation 009276001021106 Datasheet HTML 4Page - AVX Corporation 009276001021106 Datasheet HTML 5Page - AVX Corporation 009276001021106 Datasheet HTML 6Page - AVX Corporation 009276001021106 Datasheet HTML 7Page - AVX Corporation 009276001021106 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Discrete Wire-to-Board; Poke-Home
Series 9276
The new 9276 series connector provides a quick and reliable wire-to-
board termination in a sleek 2.5mm pitch SMT package for a broad range
of industrial and commercial markets. With almost every product on the
market today having to deal with a small number of discrete wires to
connect components to a board, the 9276 series connectors meets this
challenge by simply stripping the wire and inserting them into the
connector. This makes the connector very termination friendly within the
factory as well as in the field by electrical installers. Developed for harsh
industrial and Solid State Lighting (SSL) applications, the connector was
designed with a high spring force Beryllium Copper upper spring contact
to accept a wide range (18-24 AWG solid or stranded) of wire to meet
multiple applications with a single connector. By incorporating a dual-
contact design we were able to maximize current rating (6 Amps) and
minimize PCB space. For example, the 4p connector has a footprint of 90
sq-mm while competing products are 160 sq-mm. The dual-contact
design also provides two solder points for each wire eliminating the need
for external anchor tabs. AVX provides a small insertion / extraction tool
which will allow the wires to easily be replaced up to 5 times.
ELECTRICAL
• Current Rating: 6 Amps / Contact
• Voltage Rating: 250v AC
9276
Series
00
Wire to
Board
Connector
00X
Number of Ways
0
Horizontal
Mounting
06
Plating
Option
Tin all over
HOW TO ORDER
X
Insulator Color
21
Wire Size
Code Color
Application
0
Black
Industrial
1
White
Lighting
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Insulator Material: Glass-Filled Nylon 46;
UL94V0
• Contact Material: Beryllium Copper /
Phosphor Bronze
• Plating: Tin over Nickel
• Replacibility: 5 Cycles
FEATURES AND BENEFITS
• Simple strip, insert and removal design
• SMT RoHS termination to the PCB with minimal footprint
• Accepts 18-24AWG Solid and Stranded wires
• Expanded size offering to maximize application potential;
1, 2, 3, 4, 6 & 8 positions
• High spring force top contact provides a lance type
retention to capture and retain the wire
• Available in standard white and optional black color
APPLICATIONS
• Connecting discrete wire components directly to the
PCB
• Bringing power and signals onto a PCB
• Daisy chaining PCB’s together to create a continuous
string of boards
• Application notes; refer to 201-01-127
Code
No of
Details
Ways
001
1
Page 2
002
2
Page 3
003
3
Page 4
004
4
Page 5
006
6
Page 6
008
8
Page 7
Code
Wire
Max
Max
Gauge
Conductor
Insulation
21
18 - 24 AWG
1.20mm
2.10mm
Diameter
Diameter


Similar Part No. - 009276001021106

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009276001021106 AVX-009276001021106 Datasheet
704Kb / 8P
   Discrete Wire-to-Board; Poke-Home
More results

Similar Description - 009276001021106

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009276008021106 AVX-009276008021106 Datasheet
704Kb / 8P
   Discrete Wire-to-Board; Poke-Home
logo
Kyocera Kinseki Corpota...
00-9296 KSS-00-9296 Datasheet
1Mb / 8P
   POKE-HOME: INVERTED THRU BOARD
090721
logo
AVX Corporation
009286002021106 AVX-009286002021106 Datasheet
1Mb / 9P
   POKE HOME
00-9296 AVX-00-9296 Datasheet
1Mb / 8P
   Poke-Home: Low Profile Horizontal
709296001103006 AVX-709296001103006 Datasheet
1Mb / 6P
   Poke-Home: Single Vertical Contact
709296001102006 AVX-709296001102006 Datasheet
1Mb / 6P
   Poke-Home: Micro Single Vertical Contact
logo
Kyocera Kinseki Corpota...
9296-400 KSS-9296-400 Datasheet
613Kb / 2P
   POKE-HOME: HORIZONTAL CONNECTOR 4MM PITCH
021022
logo
Winchester Electronics ...
RP25W3P-12-TD WINCHESTER-RP25W3P-12-TD Datasheet
49Kb / 1P
   25W3P POKE HOME D-SUB HOUSING
logo
AVX Corporation
70-9296 AVX-70-9296 Datasheet
1Mb / 6P
   Poke-Home: Single Vertical Contact 18-24 AWG:WTB
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com