Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1045DC Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # MBR1045DC
Description  D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MBR1045DC Datasheet(HTML) 3 Page - Pan Jit International Inc.

  MBR1045DC Datasheet HTML 1Page - Pan Jit International Inc. MBR1045DC Datasheet HTML 2Page - Pan Jit International Inc. MBR1045DC Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE . 3
STAD-DEC.22.2008
MOUNTING PAD LAYOUT
• Packing information
T/R - 0.8K per 13" plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.


Similar Part No. - MBR1045DC

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MBR1045DC YFWDIODE-MBR1045DC Datasheet
905Kb / 4P
   SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MBR1045DC ZSELEC-MBR1045DC Datasheet
147Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
logo
DONGGUAN YOU FENG WEI E...
MBR1045DC-R YFWDIODE-MBR1045DC-R Datasheet
905Kb / 4P
   SCHOTTKY BARRIER RECTIFIER
logo
Dongguan City Niuhang E...
MBR1045DCT NIUHANG-MBR1045DCT Datasheet
431Kb / 3P
   SCHOTTKY RECTIFIERS
More results

Similar Description - MBR1045DC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB820DC PANJIT-SB820DC_05 Datasheet
1Mb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SB1020DC PANJIT-SB1020DC_05 Datasheet
426Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
MBR1040DC PANJIT-MBR1040DC_16 Datasheet
324Kb / 5P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
MBR1640DC PANJIT-MBR1640DC_16 Datasheet
295Kb / 5P
   D2PAK SURFACE SCHOTTKY BARRIER RECTIFIERS
SB1620DC PANJIT-SB1620DC_05 Datasheet
428Kb / 2P
   D2PAK SURFACE SCHOTTKY BARRIER RECTIFIERS
MBR1640DC PANJIT-MBR1640DC Datasheet
108Kb / 3P
   D2PAK SURFACE SCHOTTKY BARRIER RECTIFIERS
logo
Transys Electronics
SB1620DC TRSYS-SB1620DC Datasheet
148Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820D TRSYS-SB820D Datasheet
146Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB820D WTE-SB820D Datasheet
44Kb / 3P
   8.0A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB1020DC WTE-SB1020DC Datasheet
46Kb / 3P
   10A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com