Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1040FCT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MBR1040FCT
Description  10 AMPERES SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MBR1040FCT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MBR1040FCT Datasheet HTML 1Page - Pan Jit International Inc. MBR1040FCT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-APR.30.2009
MBR1040FCT~MBR10200FCT
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• Guardring for overvlotage protection
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• In compliance with EU RoHS 2002/95/EC directives
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
CURRENT
40 to 200 Volts
10 Amperes
MECHANICALDATA
• Case: ITO-220AB molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
• Weight: 0.055 ounces, 1.5615 grams.
Notes :
Both Bonding and Chip structure are available.
.027(.67)
.022(.57)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
T
C
F
0
4
0
1
R
B
MT
C
F
5
4
0
1
R
B
MT
C
F
0
5
0
1
R
B
MT
C
F
0
6
0
1
R
B
MT
C
F
0
8
0
1
R
B
MT
C
F
0
9
0
1
R
B
MT
C
F
0
0
1
0
1
R
B
MT
C
F
0
5
1
0
1
R
B
MT
C
F
0
0
2
0
1
R
B
M
S
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MV
M
R
R
0
45
40
50
60
80
90
0
10
5
10
0
2V
e
g
a
tl
o
V
S
M
R
m
u
m
i
x
a
MV
S
M
R
8
25
.
1
35
32
46
53
60
75
0
10
4
1V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
MV DC
0
45
40
50
60
80
90
0
10
5
10
0
2V
e
e
S
(
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
)
1
.
g
if
IF(AV)
0
1A
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
-
e
n
i
s
fl
a
h
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
IFSM
0
5
1A
g
e
l
r
e
p
,
A
5
t
a
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
MV F
7
.
05
7
.
08
.
09
.
0V
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O C
T
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
J
5
2
1
=
O C
IR
5
0
.
0
0
2
A
m
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
TRθ
C
J
2
O
/
C
W
n
o
it
c
n
u
J
e
g
a
r
o
t
S
d
n
a
g
n
it
a
r
e
p
O
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
TJ T
, STG
0
5
1
+
o
t
5
5
-
5
7
1
+
o
t
5
6
-
O C


Similar Part No. - MBR1040FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1040FCT MCC-MBR1040FCT Datasheet
664Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
PACELEADER INDUSTRIAL
MBR1040FCT PACELEADER-MBR1040FCT Datasheet
358Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
logo
Compact Technology Corp...
MBR1040FCT CTC-MBR1040FCT Datasheet
60Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR1040FCT MCC-MBR1040FCT Datasheet
210Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1040FCT MCC-MBR1040FCT Datasheet
259Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR1040FCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR1020 PANJIT-MBR1020 Datasheet
425Kb / 2P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR1040CT PANJIT-MBR1040CT_17 Datasheet
180Kb / 4P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR1040 PANJIT-MBR1040 Datasheet
85Kb / 2P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBRF1040 DYELEC-MBRF1040 Datasheet
924Kb / 3P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR1040F PANJIT-MBR1040F_16 Datasheet
284Kb / 3P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBRF1040CTD DYELEC-MBRF1040CTD Datasheet
639Kb / 3P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR1040F PANJIT-MBR1040F Datasheet
96Kb / 2P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR1040CTD DYELEC-MBR1040CTD Datasheet
722Kb / 3P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR1040 PANJIT-MBR1040_16 Datasheet
317Kb / 5P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR1040 DYELEC-MBR1040 Datasheet
665Kb / 3P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR1020CT PANJIT-MBR1020CT Datasheet
430Kb / 2P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com