Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3023009-01M Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 3023009-01M
Description  MICRO USB 3.0 A B/M - USB 3.0 B/M
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

3023009-01M Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  3023009-01M Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPROVED
DATE
DESCRIPTION
REV.
REVISION
Qualtek Electronics Corp.
WCI DIVISION
Part Number:
Description:
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
R.Nuti
06-25-10
06-25-10
LY / 06-25-10
3023009-01M
MICRO USB 3.0 A B/M - USB 3.0 B/M
1
2
3
4
5
6
PARTS NAME
CABLE
MICRO USB3.0 A B M 10PIN GOLD PLATED
USB3.0 B M 9PIN GOLD PLATED
PVC
PE
CABLE TIE
SPECIFICATION STANDARD
UL 20276 O.D. 5.5mm COLOR: BLACK
15U” SHELL NICKEL PLATED INSULATOR BLACK
30U” SHELL NICKEL PLATED INSULATOR BLUE
45P PVC BLACK
CLEAR PE
L=9cm COLOR: BLACK
QTY
1
1
1
18
2
2
REMARKS
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
CONTROLLED
UNIT: mm
NOTES:
1. CABLE: UL20276
(1Px30AWG+D+AL+MY)x2C+1Px30AWG+2Cx24AWG+AL+B
OUTER JACKET: BLACK, O.D.: 5.5mm
2. CONNECTORS: MICRO USB 3.0 A MALE TO USB 3.0 B MALE
3. HOOD: MOLDED TYPE, COLOR: BLACK
4. PACKING: 1PC/POLYBAG
5. RoHS COMPLIANT
No.
g
g
A-A
1
5
6
10
1
2
3
4
9
5
3 4
2 4 5
1
6
1000 ± 30
27.7 ± 0.5
8.0 ± 0.3
5.5 ± 0.3
0.1
A
A
41.0
12 ± 0.3
13.2
110 ± 10
6”
P1
P2
WIRING:
WHITE
GREEN
BLACK
BLUE
YELLOW
DRAIN WIRE
PURPLE
ORANGE
SHIELD
BRAID
P2
P1
COLOR
4
8
9
7
5
6
2
3
1
SHIELD
RED
5
6
7
8
9
10
2
3
1


Similar Part No. - 3023009-01M

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3023001-01M QUALTEK-3023001-01M Datasheet
636Kb / 1P
   USB 3.0 A/M - USB 3.0 A/M
logo
Wurth Elektronik GmbH &...
3023002 WURTH-3023002 Datasheet
183Kb / 3P
   WE-LT Conductive Shielding Gasket
004.003
logo
Qualtek Electronics Cor...
3023003-01M QUALTEK-3023003-01M Datasheet
609Kb / 1P
   USB 3.0 A/M - USB 3.0 B/M
3023005-01M QUALTEK-3023005-01M Datasheet
583Kb / 1P
   USB 3.0 A/M - MICRO USB 3.0 B/M
3023007-01M QUALTEK-3023007-01M Datasheet
567Kb / 1P
   MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
More results

Similar Description - 3023009-01M

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3023021-02M QUALTEK-3023021-02M Datasheet
556Kb / 1P
   MICRO USB 3.0 A B/M - USB 3.0 B/M
3023033-03M QUALTEK-3023033-03M Datasheet
554Kb / 1P
   MICRO USB 3.0 A B/M - USB 3.0 B/M
3023031-03M QUALTEK-3023031-03M Datasheet
566Kb / 1P
   MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
3023007-01M QUALTEK-3023007-01M Datasheet
567Kb / 1P
   MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
3023019-02M QUALTEK-3023019-02M Datasheet
566Kb / 1P
   MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
3023017-02M QUALTEK-3023017-02M Datasheet
580Kb / 1P
   USB 3.0 A/M - MICRO USB 3.0 B/M
3023005-01M QUALTEK-3023005-01M Datasheet
583Kb / 1P
   USB 3.0 A/M - MICRO USB 3.0 B/M
3023029-03M QUALTEK-3023029-03M Datasheet
580Kb / 1P
   USB 3.0 A/M - MICRO USB 3.0 B/M
logo
Assmann Electronics Inc...
AK-300116-010-S ASSMANN-AK-300116-010-S Datasheet
117Kb / 1P
   USB 3.0 A/M - MICRO USB 3.0 B/M CABLE
AK-300116-018-S ASSMANN-AK-300116-018-S Datasheet
116Kb / 1P
   USB 3.0 A/M - MICRO USB 3.0 B/M CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com