Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT3946 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMDT3946
Description  COMPLEMENTARY NPN / PNP GENERAL PURPOSE SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMDT3946 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMDT3946 Datasheet HTML 1Page - Pan Jit International Inc. MMDT3946 Datasheet HTML 2Page - Pan Jit International Inc. MMDT3946 Datasheet HTML 3Page - Pan Jit International Inc. MMDT3946 Datasheet HTML 4Page - Pan Jit International Inc. MMDT3946 Datasheet HTML 5Page - Pan Jit International Inc. MMDT3946 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
REV.0.1-NOV.20.2008
MMDT3946
COMPLEMENTARY NPN / PNP GENERAL PURPOSE SWITCHING TRANSISTOR
VOLTAGE
40 Volts
200 mWatts
FEATURES
• Epitaxial silicon, planar design
• Collector-emitter voltage VCE = 40V
• Collector current IC = 200mA
• In compliance with EU RoHS 2002/95/EC directives
. Transition Frequency > 300MHz f
T
@IC=10mA,VCE=20V,
MECHANICALDATA
• Case: SOT-363, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.006 gram
• Marking: S3A
POWER
ABSOLUTE RATINGS
G
N
I
T
A
R
E
T
U
L
O
S
B
A
n
o
i
t
c
e
S
4
0
9
3
N
P
Nn
o
i
t
c
e
S
6
0
9
3
P
N
P
-
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Ve
u
l
a
Vs
t
i
n
U
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
CVCEO
0
40
4
-V
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
l
l
o
CVCBO
0
6
0
4
-V
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
EVEBO
0
.
6
0
.
5
-V
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
l
l
o
CI C
0
0
20
0
2
-A
m
THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
)
1
e
t
o
N
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
x
a
M
P
T
O
T
0
0
2W
m
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
Rθ
A
J
5
2
6
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
T
J
0
5
1
o
t
5
5
-
O C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
1
o
t
5
5
-
O C
Note 1: Transistor mounted on FR-5 board 1.0 x 0.75 x 0.062 in.
1
2
3
6
5
4
Fig.55
f=100MHz


Similar Part No. - MMDT3946

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT3946 TRSYS-MMDT3946 Datasheet
323Kb / 3P
   CMOPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Shenzhen Luguang Electr...
MMDT3946 LUGUANG-MMDT3946 Datasheet
808Kb / 5P
   Small Surface Mount Transistor
logo
Diodes Incorporated
MMDT3946 DIODES-MMDT3946 Datasheet
73Kb / 5P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30123 Rev. 4 - 2
logo
TECH PUBLIC Electronics...
MMDT3946 TECHPUBLIC-MMDT3946 Datasheet
1Mb / 4P
   NPNPNP Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMDT3946 DIODES-MMDT3946 Datasheet
318Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30123 Rev. 8 - 2
More results

Similar Description - MMDT3946

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBT3906 PANJIT-MMBT3906_08 Datasheet
164Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W Datasheet
115Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
2N3906 PANJIT-2N3906 Datasheet
157Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W_10 Datasheet
128Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4403W PANJIT-MMBT4403W_09 Datasheet
273Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906TB PANJIT-MMBT3906TB Datasheet
479Kb / 5P
   PNP General Purpose Switching Transistor
August 10,2022 MMBT3906TB-REV.01
logo
Diotech Company.
MMBT3906 DIOTECH-MMBT3906 Datasheet
2Mb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2SB2907 PANJIT-2SB2907 Datasheet
716Kb / 7P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907A PANJIT-MMBT2907A Datasheet
874Kb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907AW PANJIT-MMBT2907AW Datasheet
159Kb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com