Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT4401 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMDT4401
Description  DUAL NPN GENERAL PURPOSE SWITCHING TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMDT4401 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMDT4401 Datasheet HTML 1Page - Pan Jit International Inc. MMDT4401 Datasheet HTML 2Page - Pan Jit International Inc. MMDT4401 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-JUN.05.2006
MMDT4401
DUAL NPN GENERAL PURPOSE SWITCHING TRANSISTOR
VOLTAGE
40 Volts
200 mWatts
FEATURES
• NPN epitaxial silicon, planar design
• Collector-emitter voltage V
CE = 40V
• Collector current I
C = 600mA
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: SOT-363, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.006 gram
• Marking: M4A
POWER
ABSOLUTE RATINGS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
VCEO
0
4V
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
VCBO
0
6V
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
VEBO
0
.
6V
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
I C
0
0
6A
m
THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
)
1
e
t
o
N
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
x
a
M
PTOT
0
0
2W
m
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
R
θJA
5
2
6
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
TJ
0
5
1
o
t
5
5
-
O C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
I
T STG
0
5
1
o
t
5
5
-
O C
Note 1: Transistor mounted on FR-4 board 1.0 x 0.85 x 0.062 in.
1
2
3
6
5
4
Fig.54


Similar Part No. - MMDT4401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT4401 TRSYS-MMDT4401 Datasheet
192Kb / 2P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Micro Commercial Compon...
MMDT4401 MCC-MMDT4401 Datasheet
387Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMDT4401 DIODES-MMDT4401 Datasheet
55Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30111 Rev. 4 - 2
logo
Shenzhen Luguang Electr...
MMDT4401 LUGUANG-MMDT4401 Datasheet
701Kb / 4P
   Dual NPN Small Signal Surface Mount Transistor
logo
Diodes Incorporated
MMDT4401 DIODES-MMDT4401 Datasheet
435Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30111 Rev. 10 - 2
More results

Similar Description - MMDT4401

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMDT3904TB6 PANJIT-MMDT3904TB6 Datasheet
130Kb / 4P
   DUAL NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMDT3904 PANJIT-MMDT3904_06 Datasheet
163Kb / 4P
   DUAL NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3904W PANJIT-MMBT3904W Datasheet
102Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2N3904N PANJIT-2N3904N_15 Datasheet
393Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2SC2411K-AU PANJIT-2SC2411K-AU Datasheet
298Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
November 16,2013-REV.02
MMBT2222AW PANJIT-MMBT2222AW Datasheet
97Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2369A PANJIT-MMBT2369A Datasheet
167Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2N4401 PANJIT-2N4401 Datasheet
202Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Compact Technology Corp...
MMBT2222A CTC-MMBT2222A Datasheet
78Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2SC2222H PANJIT-2SC2222H Datasheet
371Kb / 5P
   NPN General Purpose Switching Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com