Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5232B Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMSZ5232B
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMSZ5232B Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMSZ5232B Datasheet HTML 1Page - Pan Jit International Inc. MMSZ5232B Datasheet HTML 2Page - Pan Jit International Inc. MMSZ5232B Datasheet HTML 3Page - Pan Jit International Inc. MMSZ5232B Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
February 17,2011-REV.03
MMSZ5221B~MMSZ5262B
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FEATURES
• Planar Die construction
• 500mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: SOD-123, Molded Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: See Diagram Below
• Approx. Weight: 0.0003 ounce, 0.0103 gram
• Mounting Position: Any
Parameter
Symbol
Value
Units
Total Power Dissipation (Notes A) at T
L=60
OC
PD
500
mW
Operating Junction and StorageTemperature Range
TJ
-55 to +150
OC
1
2
Cathode
Anode
NOTES:
A. Mounted on 100cm2(1mm thick) copper areas.
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
2.4 to 51 Volts
POWER
500 mWatts


Similar Part No. - MMSZ5232B

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
MMSZ5232B CHENDA-MMSZ5232B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Pan Jit International I...
MMSZ5232B PANJIT-MMSZ5232B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5232B DIOTEC-MMSZ5232B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Pan Jit International I...
MMSZ5232B PANJIT-MMSZ5232B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
MMSZ5232B TSC-MMSZ5232B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5232B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com