Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE7.5A Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # P4KE7.5A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P4KE7.5A Datasheet(HTML) 4 Page - Pan Jit International Inc.

  P4KE7.5A Datasheet HTML 1Page - Pan Jit International Inc. P4KE7.5A Datasheet HTML 2Page - Pan Jit International Inc. P4KE7.5A Datasheet HTML 3Page - Pan Jit International Inc. P4KE7.5A Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 4
STAD-SEP.02.2008
P4KE SERIES
Fig.1 PEAK PULSE POWER RATING
PULSE TIME CURVE
Fig.2 PULSE DERATING CURVE
Fig.3 PULSE WAVEFORM
Fig.5 MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
Fig.4 TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
td,PULSE WIDTH, micro sec
T,TIME,ms
NUMBER OF CYCLES AT 60Hz
T ,AMBIENT TEMPERATURE, C
A
O
0.1
0.1
1.0
Non-Repetitve
Pulse Wavefom
Shown in Figure.3
T= 25 C
A
O
1.0
10
10
100
100
1000
10000
100
75
50
25
0
125
150
175
200
25
50
75
100
0
0
1.0
2.0
3.0
4.0
0
50
100
150
10/1000 u se c Wa ve fo rm
as De fine d b ye R.E.A.
Ha lf Va lue -Ip p
2
e-kt
td
T= 25 C
Pulse Width (td) is Defined
as the Point where the Peak
Current Decayst to 50% of Ipp
A
O
tf = 10usec
Peak Value
Ippm
10
1,00
10,00
1
V(BR), BREAKDOWN VOLTAGE, VOLTS
1.0
2.0
10
20
100
200
0
0
0
0
5
Tj= 25 C
f= 1.0MHZ
Vsig = 50mVp -p
Me a sure d a t
Ze ro Bia s
Me a sure d a t
Sta nd -Off
Vo lta Ge (V
)
RWM
1
2
4
6 810
20
40 60 80 100
0
10
20
30
40
50
T= Tm a x
8.3m sSing leHa lfSine -Wa ve
JEDEC M e tho d
JJ


Similar Part No. - P4KE7.5A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
P4KE7.5A DACHANG-P4KE7.5A Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Pan Jit International I...
P4KE7.5A PANJIT-P4KE7.5A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
DONGGUAN YOU FENG WEI E...
P4KE7.5A YFWDIODE-P4KE7.5A Datasheet
97Kb / 3P
   Unidirectional And Bidirectional
logo
Shenzhen Luguang Electr...
P4KE7.5A LUGUANG-P4KE7.5A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Comchip Technology
P4KE7.5A COMCHIP-P4KE7.5A Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
More results

Similar Description - P4KE7.5A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA5.0 PANJIT-SA5.0_08 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P6KE PANJIT-P6KE_09 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com