Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA9.1 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # P4SMA9.1
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P4SMA9.1 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  P4SMA9.1 Datasheet HTML 1Page - Pan Jit International Inc. P4SMA9.1 Datasheet HTML 2Page - Pan Jit International Inc. P4SMA9.1 Datasheet HTML 3Page - Pan Jit International Inc. P4SMA9.1 Datasheet HTML 4Page - Pan Jit International Inc. P4SMA9.1 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PAGE . 5
STAD-SEP.12.2008
MOUNTING PAD LAYOUT
• Packing information
T/R - 7.5K per 13" plastic Reel
T/R - 1.8Kper 7” plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.
P4SMA SERIES


Similar Part No. - P4SMA9.1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4SMA9.1 TSC-P4SMA9.1 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
P4SMA9.1 TSC-P4SMA9.1 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P4SMA9.1 PANJIT-P4SMA9.1 Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Fuji Electric
P4SMA9.1 FUJI-P4SMA9.1 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
P4SMA9.1 TSC-P4SMA9.1 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
More results

Similar Description - P4SMA9.1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ PANJIT-P6SMBJ_09 Datasheet
145Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
P6SMB PANJIT-P6SMB_09 Datasheet
146Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
SMH5.0A PANJIT-SMH5.0A Datasheet
68Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
SMHN3.3A PANJIT-SMHN3.3A Datasheet
66Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
PJ6.6K48A PANJIT-PJ6.6K48A Datasheet
207Kb / 3P
   POWER SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMA6.8A PANJIT-P6SMA6.8A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
P4SMAJ PANJIT-P4SMAJ_08 Datasheet
179Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
PJ66K48A PANJIT-PJ66K48A Datasheet
210Kb / 3P
   POWER SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com