Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB7.5A Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # P6SMB7.5A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6SMB7.5A Datasheet(HTML) 2 Page - Pan Jit International Inc.

  P6SMB7.5A Datasheet HTML 1Page - Pan Jit International Inc. P6SMB7.5A Datasheet HTML 2Page - Pan Jit International Inc. P6SMB7.5A Datasheet HTML 3Page - Pan Jit International Inc. P6SMB7.5A Datasheet HTML 4Page - Pan Jit International Inc. P6SMB7.5A Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
STAD-APR.21.2009
1
P6SMB SERIES
r
e
b
m
u
N
t
r
a
P
V RWM
V BR
I
@
T
IR @VRWM
VC @IPP
e
d
o
C
g
n
i
k
r
a
M
.
n
i
M
.
x
a
M
I T
-
I
N
U
-
I
B
I
N
U
I
B
V
V
V
A
m
µ
µ
µ
µ
µ A
µ
µ
µ
µ
µ A
V
AI
N
U
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
6
8
.
6
B
M
S
6
P
C
8
.
6
B
M
S
6
P
5
.
5
2
1
.
6
8
4
.
7
0
1
0
0
0
1
0
0
0
2
8
.
0
1
6
5
A
Z
E
A
Z
D
A
8
.
6
B
M
S
6
P
A
C
8
.
6
B
M
S
6
P
8
.
5
5
4
.
6
4
1
.
7
0
1
0
0
0
1
0
0
0
2
5
.
0
1
7
5
B
Z
E
B
Z
D
5
.
7
B
M
S
6
P
C
5
.
7
B
M
S
6
P
5
0
.
6
5
7
.
6
5
2
.
8
0
1
0
0
5
0
0
0
1
7
.
1
1
1
5
C
Z
E
C
Z
D
A
5
.
7
B
M
S
6
P
A
C
5
.
7
B
M
S
6
P
4
.
6
3
1
.
7
8
8
.
7
0
1
0
0
5
0
0
0
1
3
.
1
1
3
5
D
Z
E
D
Z
D
2
.
8
B
M
S
6
P
C
2
.
8
B
M
S
6
P
3
6
.
6
8
3
.
7
2
0
.
9
0
1
0
0
2
0
0
4
5
.
2
1
8
4
E
Z
E
E
Z
D
A
2
.
8
B
M
S
6
P
A
C
2
.
8
B
M
S
6
P
2
0
.
7
9
7
.
7
1
6
.
8
0
1
0
0
2
0
0
4
1
.
2
1
0
5
F
Z
E
F
Z
D
1
.
9
B
M
S
6
P
C
1
.
9
B
M
S
6
P
7
3
.
7
9
1
.
8
0
1
1
0
5
0
0
1
8
.
3
1
4
4
G
Z
E
G
Z
D
A
1
.
9
B
M
S
6
P
A
C
1
.
9
B
M
S
6
P
8
7
.
7
5
6
.
8
5
.
9
1
0
5
0
0
1
4
.
3
1
5
4
H
Z
E
H
Z
D
0
1
B
M
S
6
P
C
0
1
B
M
S
6
P
1
.
8
9
1
1
1
0
1
0
2
5
1
0
4
J
Z
E
J
Z
D
A
0
1
B
M
S
6
P
A
C
0
1
B
M
S
6
P
5
5
.
8
5
.
9
5
.
0
1
1
0
1
0
2
5
.
4
1
1
4
K
Z
E
K
Z
D
1
1
B
M
S
6
P
C
1
1
B
M
S
6
P
2
9
.
8
9
.
9
1
.
2
1
1
5
0
1
2
.
6
1
7
3
L
Z
E
L
Z
D
A
1
1
B
M
S
6
P
A
C
1
1
B
M
S
6
P
4
.
9
5
.
0
1
6
.
1
1
1
5
0
1
6
.
5
1
8
3
M
Z
E
M
Z
D
2
1
B
M
S
6
P
C
2
1
B
M
S
6
P
2
7
.
9
8
.
0
1
2
.
3
1
1
5
5
3
.
7
1
5
3
N
Z
E
N
Z
D
A
2
1
B
M
S
6
P
A
C
2
1
B
M
S
6
P
2
.
0
1
4
.
1
1
6
.
2
1
1
5
5
7
.
6
1
6
3
P
Z
E
P
Z
D
3
1
B
M
S
6
P
C
3
1
B
M
S
6
P
5
.
0
1
7
.
1
1
3
.
4
1
1
1
1
9
1
2
3
Q
Z
E
Q
Z
D
A
3
1
B
M
S
6
P
A
C
3
1
B
M
S
6
P
1
.
1
1
4
.
2
1
7
.
3
1
1
1
1
2
.
8
1
3
3
R
Z
E
R
Z
D
5
1
B
M
S
6
P
C
5
1
B
M
S
6
P
1
.
2
1
5
.
3
1
5
.
6
1
1
1
1
2
2
7
2
S
Z
E
S
Z
D
A
5
1
B
M
S
6
P
A
C
5
1
B
M
S
6
P
8
.
2
1
3
.
4
1
8
.
5
1
1
1
1
2
.
1
2
8
2
T
Z
E
T
Z
D
6
1
B
M
S
6
P
C
6
1
B
M
S
6
P
9
.
2
1
4
.
4
1
6
.
7
1
1
1
1
5
.
3
2
6
2
U
Z
E
U
Z
D
A
6
1
B
M
S
6
P
A
C
6
1
B
M
S
6
P
6
.
3
1
2
.
5
1
8
.
6
1
1
1
1
5
.
2
2
7
2
V
Z
E
V
Z
D
8
1
B
M
S
6
P
C
8
1
B
M
S
6
P
5
.
4
1
2
.
6
1
8
.
9
1
1
1
1
5
.
6
2
3
2
W
Z
E
W
Z
D
A
8
1
B
M
S
6
P
A
C
8
1
B
M
S
6
P
3
.
5
1
1
.
7
1
9
.
8
1
1
1
1
2
.
5
2
4
2
X
Z
E
X
Z
D
0
2
B
M
S
6
P
C
0
2
B
M
S
6
P
2
.
6
1
8
1
2
2
1
1
1
1
.
9
2
1
2
Y
Z
E
Y
Z
D
A
0
2
B
M
S
6
P
A
C
0
2
B
M
S
6
P
1
.
7
1
9
1
1
2
1
1
1
7
.
7
2
2
2
Z
Z
E
Z
Z
D
2
2
B
M
S
6
P
C
2
2
B
M
S
6
P
8
.
7
1
8
.
9
1
2
.
4
2
1
1
1
9
.
1
3
9
1
A
X
E
A
X
D
A
2
2
B
M
S
6
P
A
C
2
2
B
M
S
6
P
8
.
8
1
9
.
0
2
1
.
3
2
1
1
1
6
.
0
3
0
2
B
X
E
B
X
D
4
2
B
M
S
6
P
C
4
2
B
M
S
6
P
4
.
9
1
6
.
1
2
4
.
6
2
1
1
1
7
.
4
3
7
1
C
X
E
C
X
D
A
4
2
B
M
S
6
P
A
C
4
2
B
M
S
6
P
5
.
0
2
8
.
2
2
2
.
5
2
1
1
1
2
.
3
3
8
1
D
X
E
D
X
D
7
2
B
M
S
6
P
C
7
2
B
M
S
6
P
8
.
1
2
3
.
4
2
7
.
9
2
1
1
1
1
.
9
3
5
1
E
X
E
E
X
D
A
7
2
B
M
S
6
P
A
C
7
2
B
M
S
6
P
1
.
3
2
7
.
5
2
4
.
8
2
1
1
1
5
.
7
3
6
1
F
X
E
F
X
D
0
3
B
M
S
6
P
C
0
3
B
M
S
6
P
3
.
4
2
7
2
3
3
1
1
1
5
.
3
4
4
1
G
X
E
G
X
D
A
0
3
B
M
S
6
P
A
C
0
3
B
M
S
6
P
6
.
5
2
5
.
8
2
5
.
1
3
1
1
1
4
.
1
4
4
.
4
1
H
X
E
H
X
D
3
3
B
M
S
6
P
C
3
3
B
M
S
6
P
8
.
6
2
7
.
9
2
3
.
6
3
1
1
1
7
.
7
4
6
.
2
1
J
X
E
J
X
D
A
3
3
B
M
S
6
P
A
C
3
3
B
M
S
6
P
2
.
8
2
4
.
1
3
7
.
4
3
1
1
1
7
.
5
4
2
.
3
1
K
X
E
K
X
D
6
3
B
M
S
6
P
C
6
3
B
M
S
6
P
1
.
9
2
4
.
2
3
6
.
9
3
1
1
1
2
5
6
.
1
1
L
X
E
L
X
D
A
6
3
B
M
S
6
P
A
C
6
3
B
M
S
6
P
8
.
0
3
2
.
4
3
8
.
7
3
1
1
1
9
.
9
4
2
1
M
X
E
M
X
D
9
3
B
M
S
6
P
C
9
3
B
M
S
6
P
6
.
1
3
1
.
5
3
9
.
2
4
1
1
1
4
.
6
5
6
.
0
1
N
X
E
N
X
D
A
9
3
B
M
S
6
P
A
C
9
3
B
M
S
6
P
3
.
3
3
1
.
7
3
1
4
1
1
1
9
.
3
5
2
.
1
1
P
X
E
P
X
D
3
4
B
M
S
6
P
C
3
4
B
M
S
6
P
8
.
4
3
7
.
8
3
3
.
7
4
1
1
1
9
.
1
6
6
.
9
Q
X
E
Q
X
D
A
3
4
B
M
S
6
P
A
C
3
4
B
M
S
6
P
8
.
6
3
9
.
0
4
2
.
5
4
1
1
1
3
.
9
5
1
.
0
1
R
X
E
R
X
D
7
4
B
M
S
6
P
C
7
4
B
M
S
6
P
1
.
8
3
3
.
2
4
7
.
1
5
1
1
1
8
.
7
6
9
.
8
S
X
E
S
X
D
A
7
4
B
M
S
6
P
A
C
7
4
B
M
S
6
P
2
.
0
4
7
.
4
4
4
.
9
4
1
1
1
8
.
4
6
3
.
9
T
X
E
T
X
D
1
5
B
M
S
6
P
C
1
5
B
M
S
6
P
3
.
1
4
9
.
5
4
1
.
6
5
1
1
1
5
.
3
7
2
.
8
U
X
E
U
X
D
A
1
5
B
M
S
6
P
A
C
1
5
B
M
S
6
P
6
.
3
4
5
.
8
4
6
.
3
5
1
1
1
1
.
0
7
6
.
8
V
X
E
V
X
D
6
5
B
M
S
6
P
C
6
5
B
M
S
6
P
6
.
5
4
4
.
0
5
6
.
1
6
1
1
1
5
.
0
8
4
.
7
W
X
E
W
X
D


Similar Part No. - P6SMB7.5A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6SMB7.5A TSC-P6SMB7.5A Datasheet
192Kb / 6P
   600W, 6.8V - 220V Surface Mount Transient Voltage Suppressor
logo
Central Semiconductor C...
P6SMB7.5A CENTRAL-P6SMB7.5A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Microdiode Electronics ...
P6SMB7.5A CHENDA-P6SMB7.5A Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
EIC discrete Semiconduc...
P6SMB7.5A EIC-P6SMB7.5A Datasheet
70Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
P6SMB7.5A VISHAY-P6SMB7.5A Datasheet
108Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-13
More results

Similar Description - P6SMB7.5A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ PANJIT-P6SMBJ_09 Datasheet
145Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
SMH5.0A PANJIT-SMH5.0A Datasheet
68Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
SMHN3.3A PANJIT-SMHN3.3A Datasheet
66Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
PJ6.6K48A PANJIT-PJ6.6K48A Datasheet
207Kb / 3P
   POWER SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMA6.8A PANJIT-P6SMA6.8A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
P4SMAJ PANJIT-P4SMAJ_08 Datasheet
179Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
PJ66K48A PANJIT-PJ66K48A Datasheet
210Kb / 3P
   POWER SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMA PANJIT-P4SMA_08 Datasheet
173Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com