Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE10 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # P6KE10
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6KE10 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  P6KE10 Datasheet HTML 1Page - Pan Jit International Inc. P6KE10 Datasheet HTML 2Page - Pan Jit International Inc. P6KE10 Datasheet HTML 3Page - Pan Jit International Inc. P6KE10 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 4
STAD-DEC.30.2009
2
P6KE SERIES
Fig.1 PEAK PULSE POWER RATING
PULSE TIME CURVE
Fig.2 PULSE DERATING CURVE
Fig.5 MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
Fig.4 TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
td,PULSE WIDTH, micro sec
NUMBER OF CYCLES AT 60Hz
T ,AMBIENT TEMPERATURE, C
A
O
0.1
0.1
1.0
Non-Repetitve
Pulse Wavefom
Shown in Figure.3
T= 25 C
A
O
1.0
10
10
100
100
1000
10000
100
75
50
25
0
125
150
175
200
25
50
75
100
0
1.0
2.0
5.0
10
20
50 100
200
Me a sure d a t
Ze ro Bia s
Me a sure d a t
Sta n d - Off
Vo lta Ge (V
)
RWM
Tj= 25 C
f= 1.0MHZ
Vsig = 50 m Vp -p
100
20
40
60
80
200
400
600
800
1,000
2,000
4,000
6,000
10
200
100
50
10
1
5
10
50
100
T= Tm a x
8.3m sSing leHa lfSine -Wa ve
JEDEC M e tho d
JJ
V(
), REVERSE STAND-OFF VOLTAGE, VOLTS
RWM
Fig.1 PEAK PULSE POWER RATING
PULSE TIME CURVE
Fig.2 PULSE DERATING CURVE
Fig.5 MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
Fig.4 TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
td,PULSE WIDTH, micro sec
NUMBER OF CYCLES AT 60Hz
T ,AMBIENT TEMPERATURE, C
A
O
0.1
0.1
1.0
Non-Repetitve
Pulse Wavefom
Shown in Figure.3
T= 25 C
A
O
1.0
10
10
100
100
1000
10000
100
75
50
25
0
125
150
175
200
25
50
75
100
0
1.0
2.0
5.0
10
20
50 100
200
Me a sure d a t
Ze ro Bia s
Me a sure d a t
Sta n d - Off
Vo lta Ge (V
)
RWM
Tj= 25 C
f= 1.0MHZ
Vsig = 50 m Vp -p
100
20
40
60
80
200
400
600
800
1,000
2,000
4,000
6,000
10
200
100
50
10
1
5
10
50
100
T= Tm a x
8.3m sSing leHa lfSine -Wa ve
JEDEC M e tho d
JJ
V(
), REVERSE STAND-OFF VOLTAGE, VOLTS
RWM
Fig.3 PULSE WAVEFORM
T,TIME,ms
0
1.0
2.0
3.0
4.0
0
50
100
150
10/1000 u se c Wa ve fo rm
as De fine d b ye R.E.A.
Ha lf Va lue -Ip p
2
e-kt
td
T= 25 C
Pulse Width (td) is Defined
as the Point where the Peak
Current Decayst to 50% of Ipp
A
O
tf = 10usec
Peak Value
Ippm
r
e
b
m
u
N
t
r
a
P
r
e
b
m
u
N
t
r
a
P
V RWM
V BR
I
@
T
IR @VRWM
VC @IPP
e
d
o
C
g
n
i
k
r
a
M
.
n
i
M
.
x
a
M
IT
-
I
N
U
-
I
B
-
I
N
U
-
I
B
V
V
V
A
m
μ
μ
μ
μ
μ A
μ
μ
μ
μ
μ A
V
A
-
I
N
U
-
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
6
0
8
4
E
K
6
P
C
0
8
4
E
K
6
P
9
8
3
2
3
4
8
2
5
1
1
1
1
9
6
7
8
.
0
0
8
4
E
K
6
P
C
0
8
4
E
K
6
P
A
0
8
4
E
K
6
P
A
C
0
8
4
E
K
6
P
8
0
4
6
5
4
4
0
5
1
1
1
8
5
6
1
9
.
0
A
0
8
4
E
K
6
P
A
C
0
8
4
E
K
6
P
0
5
5
E
K
6
P
C
0
5
5
E
K
6
P
5
.
5
4
4
5
9
4
5
0
6
1
1
1
2
9
7
6
7
.
0
0
5
5
E
K
6
P
C
0
5
5
E
K
6
P
A
0
5
5
E
K
6
P
A
C
0
5
5
E
K
6
P
5
.
7
6
4
5
.
2
2
5
5
.
7
7
5
1
1
1
5
.
3
5
7
8
.
0
A
0
5
5
E
K
6
P
A
C
0
5
5
E
K
6
P


Similar Part No. - P6KE10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE10 PANJIT-P6KE10 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Shanghai Shunye Electro...
P6KE10 SHUNYE-P6KE10 Datasheet
506Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
P6KE10 MCC-P6KE10 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
Microsemi Corporation
P6KE10 MICROSEMI-P6KE10 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
RFE international
P6KE10 RFE-P6KE10 Datasheet
377Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
More results

Similar Description - P6KE10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA5.0 PANJIT-SA5.0_08 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P4KE PANJIT-P4KE_08 Datasheet
104Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com