Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG5402 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PG5402
Description  GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PG5402 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PG5402 Datasheet HTML 1Page - Pan Jit International Inc. PG5402 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-MAR.26.2010
2
PG5400~PG5408
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Thermal Resistance from Junction to Ambient and from junction to lead at 0.375”(9.5mm)lead length P.C.B.mounted.
DO-201AD
Unit: inch(mm)
.052(1.3)
.210(5.3)
.048(1.2)
.188(4.8)
VOLTAGE
50 to 1000 Volts
CURRENT
3.0 Ampere
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load,derate current by 20%.
PA RA M E TE R
S YM B OL P G5 400 P G54 01 P G54 02 P G540 3 P G540 4 P G5 405 P G5 406 P G54 07 P G540 8 UNITS
M a xi m um Re curr e nt Peak Re ve r s e Vo ltage
V
RRM
50
100
2 0 0
300
400
50 0
600
800
1 000
V
Ma xi m um RM S Vo lta g e
V
RMS
35
70
14 0
210
28 0
3 5 0
42 0
560
700
V
Ma xi m um D C B lo c k i ng Vo lta g e
V
DC
50
100
2 0 0
300
400
50 0
600
800
1 000
V
M a xi m um Ave r a ge F o r ward C urre nt .3 7 5 "( 9.5m m )
lead le ng th
I
F(AV )
3.0
A
Peak F o r ward Surge C urr e nt : 8 .3m s s i ng le ha lf
s i ne -wa ve superi m po se d o n r a ted lo ad(J E DE C
me tho d )
I
FS M
15 0
A
M a xi m um Fo r ward Vo lta ge at 3 .0A
V
F
1.2
V
Ma xi m um D C Re ve rs e C urr e nt T
J =2 5
OC
a t Ra te d D C B loc ki ng Vo ltag e T
J = 100
OC
I
R
1.0
10 0
μA
Typi c a l J unc ti on c a p a c i ta nc e (Note 1)
C
J
30
pF
Typi c a l Therm a l Re s i s tance ( Note 2)
Rθ
JL
Rθ
JC
24
19
OC / W
Op erati ng Junc ti on and Storage Te m p e r a ture
Ra ng e
T
J ,T STG
-55 to + 150
OC
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Glass passivated junction
• Exceeds environmental standards of MIL-S-19500/228
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: Molded plastic, DO-201AD
• Terminals: Axial leads, solderable to MIL-STD-750,Method 2026
• Polarity: Color Band denotes cathode end
• Mounting Position: Any
• Weight: 0.0395 ounce, 1.122 gram


Similar Part No. - PG5402

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PG5402 PANJIT-PG5402 Datasheet
54Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
PG5402 PANJIT-PG5402 Datasheet
42Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Zibo Seno Electronic En...
PG5402 ZSELEC-PG5402 Datasheet
128Kb / 2P
   3.0A GLASS PASSIVATED RECTIFIER
More results

Similar Description - PG5402

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TE150 TRSYS-TE150 Datasheet
105Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
TE600A TRSYS-TE600A Datasheet
160Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Shanghai Lunsure Electr...
1N4001G CHENYI-1N4001G Datasheet
140Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
1N539XGP VISHAY-1N539XGP Datasheet
77Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 13-Jun-16
logo
Pan Jit International I...
PG4001 PANJIT-PG4001_07 Datasheet
98Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG5391 PANJIT-PG5391_09 Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
GP30A VISHAY-GP30A Datasheet
75Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 15-Mar-11
1N4001GP VISHAY-1N4001GP_V01 Datasheet
84Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
1N4245GP VISHAY-1N4245GP_V01 Datasheet
79Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
GP10-4002 VISHAY-GP10-4002_V01 Datasheet
79Kb / 4P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
GP15A VISHAY-GP15A_V01 Datasheet
75Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com