Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE120A Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # P4KE120A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P4KE120A Datasheet(HTML) 2 Page - Pan Jit International Inc.

  P4KE120A Datasheet HTML 1Page - Pan Jit International Inc. P4KE120A Datasheet HTML 2Page - Pan Jit International Inc. P4KE120A Datasheet HTML 3Page - Pan Jit International Inc. P4KE120A Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
STAD-SEP.02.2008
P4KE SERIES
r
e
b
m
u
N
t
r
a
P
V RWM
V BR
I
@ T
IR @VRWM
VC @IPP
e
d
o
C
g
n
i
k
r
a
M
.
n
i
M
.
x
a
M
I T
-
I
N
U
-I
B
I
N
U
I
B
V
V
V
A
m
A
u
A
u
V
A
I
N
U
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
4
8
.
6
E
K
4
P
C
8
.
6
E
K
4
P
5
.
5
2
1
.
6
8
4
.
7
0
1
0
0
0
1
0
0
0
2
8
.
0
1
8
3
8
.
6
E
K
4
P
C
8
.
6
E
K
4
P
A
8
.
6
E
K
4
P
A
C
8
.
6
E
K
4
P
8
.
5
5
4
.
6
4
1
.
7
0
1
0
0
0
1
0
0
0
2
5
.
0
1
0
4
A
8
.
6
E
K
4
P
A
C
8
.
6
E
K
4
P
5
.
7
E
K
4
P
C
5
.
7
E
K
4
P
5
0
.
6
5
7
.
6
5
2
.
8
0
1
0
0
5
0
0
0
1
7
.
1
1
6
3
5
.
7
E
K
4
P
C
5
.
7
E
K
4
P
A
5
.
7
E
K
4
P
A
C
5
.
7
E
K
4
P
4
.
6
3
1
.
7
8
8
.
7
0
1
0
0
5
0
0
0
1
3
.
1
1
7
3
A
5
.
7
E
K
4
P
A
C
5
.
7
E
K
4
P
2
.
8
E
K
4
P
C
2
.
8
E
K
4
P
3
6
.
6
8
3
.
7
2
0
.
9
0
1
0
0
2
0
0
4
5
.
2
1
3
3
2
.
8
E
K
4
P
C
2
.
8
E
K
4
P
A
2
.
8
E
K
4
P
A
C
2
.
8
E
K
4
P
2
0
.
7
9
7
.
7
1
6
.
8
0
1
0
0
2
0
0
4
1
.
2
1
5
3
A
2
.
8
E
K
4
P
A
C
2
.
8
E
K
4
P
1
.
9
E
K
4
P
C
1
.
9
E
K
4
P
7
3
.
7
9
1
.
8
0
1
1
0
5
0
0
1
8
.
3
1
0
3
1
.
9
E
K
4
P
C
1
.
9
E
K
4
P
A
1
.
9
E
K
4
P
A
C
1
.
9
E
K
4
P
8
7
.
7
5
6
.
8
5
.
9
1
0
5
0
0
1
4
.
3
1
1
3
A
1
.
9
E
K
4
P
A
C
1
.
9
E
K
4
P
0
1
E
K
4
P
C
0
1
E
K
4
P
1
.
8
9
1
1
1
0
1
0
2
5
1
8
2
0
1
E
K
4
P
C
0
1
E
K
4
P
A
0
1
E
K
4
P
A
C
0
1
E
K
4
P
5
5
.
8
5
.
9
5
.
0
1
1
0
1
0
2
5
.
4
1
9
2
A
0
1
E
K
4
P
A
C
0
1
E
K
4
P
1
1
E
K
4
P
C
1
1
E
K
4
P
9
.
8
9
.
9
1
.
2
1
1
5
0
1
2
.
6
1
6
2
1
1
E
K
4
P
C
1
1
E
K
4
P
A
1
1
E
K
4
P
A
C
1
1
E
K
4
P
4
.
9
5
.
0
1
6
.
1
1
1
5
0
1
6
.
5
1
7
2
A
1
1
E
K
4
P
A
C
1
1
E
K
4
P
2
1
E
K
4
P
C
2
1
E
K
4
P
2
7
.
9
8
.
0
1
2
.
3
1
1
1
1
3
.
7
1
4
2
2
1
E
K
4
P
C
2
1
E
K
4
P
A
2
1
E
K
4
P
A
C
2
1
E
K
4
P
2
.
0
1
4
.
1
1
6
.
2
1
1
1
1
7
.
6
1
5
2
A
2
1
E
K
4
P
A
C
2
1
E
K
4
P
3
1
E
K
4
P
C
3
1
E
K
4
P
5
.
0
1
7
.
1
1
3
.
4
1
1
1
1
9
1
2
2
3
1
E
K
4
P
C
3
1
E
K
4
P
A
3
1
E
K
4
P
A
C
3
1
E
K
4
P
1
.
1
1
4
.
2
1
7
.
3
1
1
1
1
2
.
8
1
3
2
A
3
1
E
K
4
P
A
C
3
1
E
K
4
P
5
1
E
K
4
P
C
5
1
E
K
4
P
1
.
2
1
5
.
3
1
5
.
6
1
1
1
1
2
2
9
1
5
1
E
K
4
P
C
5
1
E
K
4
P
A
5
1
E
K
4
P
A
C
5
1
E
K
4
P
8
.
2
1
3
.
4
1
8
.
5
1
1
1
1
2
.
1
2
0
2
A
5
1
E
K
4
P
A
C
5
1
E
K
4
P
6
1
E
K
4
P
C
6
1
E
K
4
P
9
.
2
1
4
.
4
1
6
.
7
1
1
1
1
5
.
3
2
8
1
6
1
E
K
4
P
C
6
1
E
K
4
P
A
6
1
E
K
4
P
A
C
6
1
E
K
4
P
6
.
3
1
2
.
5
1
8
.
6
1
1
1
1
5
.
2
2
9
1
A
6
1
E
K
4
P
A
C
6
1
E
K
4
P
8
1
E
K
4
P
C
8
1
E
K
4
P
5
.
4
1
2
.
6
1
8
.
9
1
1
1
1
5
.
6
2
6
1
8
1
E
K
4
P
C
8
1
E
K
4
P
A
8
1
E
K
4
P
A
C
8
1
E
K
4
P
3
.
5
1
1
.
7
1
9
.
8
1
1
1
1
2
.
5
2
7
1
A
8
1
E
K
4
P
A
C
8
1
E
K
4
P
0
2
E
K
4
P
C
0
2
E
K
4
P
2
.
6
1
8
1
2
2
1
1
1
1
.
9
2
4
1
0
2
E
K
4
P
C
0
2
E
K
4
P
A
0
2
E
K
4
P
A
C
0
2
E
K
4
P
1
.
7
1
9
1
1
2
1
1
1
7
.
7
2
5
1
A
0
2
E
K
4
P
A
C
0
2
E
K
4
P
2
2
E
K
4
P
C
2
2
E
K
4
P
8
.
7
1
8
.
9
1
2
.
4
2
1
1
1
9
.
1
3
3
1
2
2
E
K
4
P
C
2
2
E
K
4
P
A
2
2
E
K
4
P
A
C
2
2
E
K
4
P
8
.
8
1
9
.
0
2
1
.
3
2
1
1
1
6
.
0
3
4
1
A
2
2
E
K
4
P
A
C
2
2
E
K
4
P
4
2
E
K
4
P
C
4
2
E
K
4
P
4
.
9
1
6
.
1
2
4
.
6
2
1
1
1
7
.
4
3
2
1
4
2
E
K
4
P
C
4
2
E
K
4
P
A
4
2
E
K
4
P
A
C
4
2
E
K
4
P
5
.
0
2
8
.
2
2
2
.
5
2
1
1
1
2
.
3
3
3
1
A
4
2
E
K
4
P
A
C
4
2
E
K
4
P
7
2
E
K
4
P
C
7
2
E
K
4
P
8
.
1
2
3
.
4
2
7
.
9
2
1
1
1
1
.
9
3
1
1
7
2
E
K
4
P
7
2
E
K
4
P
A
7
2
E
K
4
P
A
C
7
2
E
K
4
P
1
.
3
2
7
.
5
2
4
.
8
2
1
1
1
5
.
7
3
2
.
1
1
A
7
2
E
K
4
P
A
C
7
2
E
K
4
P
0
3
E
K
4
P
C
0
3
E
K
4
P
3
.
4
2
7
2
3
3
1
1
1
5
.
3
4
0
1
0
3
E
K
4
P
C
0
3
E
K
4
P
A
0
3
E
K
4
P
A
C
0
3
E
K
4
P
6
.
5
2
5
.
8
2
5
.
1
3
1
1
1
4
.
1
4
0
1
A
0
3
E
K
4
P
A
C
0
3
E
K
4
P
3
3
E
K
4
P
C
3
3
E
K
4
P
8
.
6
2
7
.
9
2
3
.
6
3
1
1
1
7
.
7
4
9
3
3
E
K
4
P
C
3
3
E
K
4
P
A
3
3
E
K
4
P
A
C
3
3
E
K
4
P
2
.
8
2
4
.
1
3
7
.
4
3
1
1
1
7
.
5
4
9
A
3
3
E
K
4
P
A
C
3
3
E
K
4
P
6
3
E
K
4
P
C
6
3
E
K
4
P
1
.
9
2
4
.
2
3
6
.
9
3
1
1
1
2
5
8
6
3
E
K
4
P
C
6
3
E
K
4
P
A
6
3
E
K
4
P
A
C
6
3
E
K
4
P
8
.
0
3
2
.
4
3
8
.
7
3
1
1
1
9
.
9
4
4
.
8
A
6
3
E
K
4
P
A
C
6
3
E
K
4
P
9
3
E
K
4
P
C
9
3
E
K
4
P
6
.
1
3
1
.
5
3
9
.
2
4
1
1
1
4
.
6
5
4
.
7
9
3
E
K
4
P
C
9
3
E
K
4
P
A
9
3
E
K
4
P
A
C
9
3
E
K
4
P
3
.
3
3
1
.
7
3
1
4
1
1
1
9
.
3
5
8
.
7
A
9
3
E
K
4
P
A
C
9
3
E
K
4
P
3
4
E
K
4
P
C
3
4
E
K
4
P
8
.
4
3
7
.
8
3
3
.
7
4
1
1
1
9
.
1
6
8
.
6
3
4
E
K
4
P
C
3
4
E
K
4
P
A
3
4
E
K
4
P
A
C
3
4
E
K
4
P
8
.
6
3
9
.
0
4
2
.
5
4
1
1
1
3
.
9
5
1
.
7
A
3
4
E
K
4
P
A
C
3
4
E
K
4
P
7
4
E
K
4
P
C
7
4
E
K
4
P
1
.
8
3
3
.
2
4
7
.
1
5
1
1
1
8
.
7
6
2
.
6
7
4
E
K
4
P
C
7
4
E
K
4
P
A
7
4
E
K
4
P
A
C
7
4
E
K
4
P
2
.
0
4
7
.
4
4
4
.
9
4
1
1
1
8
.
4
6
5
A
7
4
E
K
4
P
A
C
7
4
E
K
4
P
1
5
E
K
4
P
C
1
5
E
K
4
P
3
.
1
4
9
.
5
4
1
.
6
5
1
1
1
5
.
3
7
7
.
5
1
5
E
K
4
P
C
1
5
E
K
4
P


Similar Part No. - P4KE120A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE120A PANJIT-P4KE120A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Taiwan Semiconductor Co...
P4KE120A TSC-P4KE120A Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Diotech Company.
P4KE120A DIOTECH-P4KE120A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P4KE120A DIOTEC-P4KE120A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
SeCoS Halbleitertechnol...
P4KE120A SECOS-P4KE120A Datasheet
334Kb / 3P
   400 Peak Power
More results

Similar Description - P4KE120A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA5.0 PANJIT-SA5.0_08 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P6KE PANJIT-P6KE_09 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com