Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJDLC24 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJDLC24
Description  ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJDLC24 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJDLC24 Datasheet HTML 1Page - Pan Jit International Inc. PJDLC24 Datasheet HTML 2Page - Pan Jit International Inc. PJDLC24 Datasheet HTML 3Page - Pan Jit International Inc. PJDLC24 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
October 12,2010-REV.00
PJDLC03~PJDLC24
PJDLC24 Marking DJ4
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
V
RWM
--
-
24
V
Reverse Breakdown Voltage
V
BR
I
T=1mA
26.7
-
-
V
Reverse Leakage Current
I
R
V
RWM = 24V,
T = 25OC
--
1
μA
Clamping Voltage
V
C
I
PP = 1A
t
p = 8/20 μs
--
43
V
Clamping Voltage
V
C
I
PP = 5A
t
p = 8/20 μs
--
55
V
Junction Capacitance
C
J
Between Pin 1.2 to 3
V
R = 0V, f = 1MHz
--
1.2
pF


Similar Part No. - PJDLC24

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLC24 PANJIT-PJDLC24 Datasheet
934Kb / 4P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
logo
Shanghai Shunye Electro...
PJDLC24 SHUNYE-PJDLC24 Datasheet
2Mb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC24 SHUNYE-PJDLC24 Datasheet
1Mb / 3P
   5 to 24 Volts POWER 400 Watts VOLTAGE WATT
More results

Similar Description - PJDLC24

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLC05W PANJIT-PJDLC05W Datasheet
113Kb / 2P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-03 PANJIT-PJDLC05C-03 Datasheet
87Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-02 PANJIT-PJDLC05C-02 Datasheet
82Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-05 PANJIT-PJDLC05C-05 Datasheet
88Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05 PANJIT-PJDLC05_15 Datasheet
129Kb / 6P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC05C-02 PANJIT-PJDLC05C-02_15 Datasheet
74Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC05C-03 PANJIT-PJDLC05C-03_13 Datasheet
85Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
logo
Shanghai Shunye Electro...
PJDLC05 SHUNYE-PJDLC05 Datasheet
2Mb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
logo
Pan Jit International I...
PJDLC05C-05 PANJIT-PJDLC05C-05_15 Datasheet
79Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC24 PANJIT-PJDLC24 Datasheet
934Kb / 4P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com