Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJDLC05W Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJDLC05W
Description  ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJDLC05W Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJDLC05W Datasheet HTML 1Page - Pan Jit International Inc. PJDLC05W Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
REV.0.1-FEB.5.2009
MOUNTING PAD LAYOUT
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3K per 7” plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.
PJDLC05W


Similar Part No. - PJDLC05W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLC05 PANJIT-PJDLC05 Datasheet
71Kb / 4P
   ULTRA LOW CAPACITANCE SINGLE TRANSIENT OVERVOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
PJDLC05 PANJIT-PJDLC05 Datasheet
934Kb / 4P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
PJDLC05 PANJIT-PJDLC05 Datasheet
111Kb / 4P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
PJDLC05 SHUNYE-PJDLC05 Datasheet
2Mb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
logo
Pan Jit International I...
PJDLC05C-02 PANJIT-PJDLC05C-02 Datasheet
82Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
More results

Similar Description - PJDLC05W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLC03 PANJIT-PJDLC03 Datasheet
111Kb / 4P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-03 PANJIT-PJDLC05C-03 Datasheet
87Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-02 PANJIT-PJDLC05C-02 Datasheet
82Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-05 PANJIT-PJDLC05C-05 Datasheet
88Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05 PANJIT-PJDLC05_15 Datasheet
129Kb / 6P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC05C-02 PANJIT-PJDLC05C-02_15 Datasheet
74Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC05C-03 PANJIT-PJDLC05C-03_13 Datasheet
85Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
logo
Shanghai Shunye Electro...
PJDLC05 SHUNYE-PJDLC05 Datasheet
2Mb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
logo
Pan Jit International I...
PJDLC05C-05 PANJIT-PJDLC05C-05_15 Datasheet
79Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC24 PANJIT-PJDLC24 Datasheet
934Kb / 4P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com