Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJF2N70 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # PJF2N70
Description  700V N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJF2N70 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  PJF2N70 Datasheet HTML 1Page - Pan Jit International Inc. PJF2N70 Datasheet HTML 2Page - Pan Jit International Inc. PJF2N70 Datasheet HTML 3Page - Pan Jit International Inc. PJF2N70 Datasheet HTML 4Page - Pan Jit International Inc. PJF2N70 Datasheet HTML 5Page - Pan Jit International Inc. PJF2N70 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fig. 7 Gate Charge Waveform
Typical Characteristics Curves ( Ta=25
℃, unless otherwise noted)
Fig.8 Source-Drain Diode Forward Voltage
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (oC)
I
D = 250µA
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
V
SD - Source-to-Drain Voltage (V)
T
J = 125
oC
25oC
V
GS = 0V
-55oC
0
2
4
6
8
10
12
0
2
4
6
8
10
12
Q
g - Gate Charge (nC)
I
D =2A
VDS=480V
VDS=300V
VDS=120V
Fig. 7 Gate Charge Waveform
PJF2N70 / PJU2N70
Typical Characteristics Curves ( Ta=25
℃, unless otherwise noted)
Fig.8 Source-Drain Diode Forward Voltage
STAD-NOV.24.2009
PAGE. 4
Fig.9 Breakdown Voltage vs Junction Temperature
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (oC)
I
D = 250µA
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
V
SD - Source-to-Drain Voltage (V)
T
J = 125
oC
25oC
V
GS = 0V
-55oC
0
2
4
6
8
10
12
0
2
4
6
8
10
12
Q
g - Gate Charge (nC)
I
D =2A
VDS=480V
VDS=300V
VDS=120V


Similar Part No. - PJF2N70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJF2N60 PANJIT-PJF2N60 Datasheet
212Kb / 6P
   600V N-Channel Enhancement Mode MOSFET
PJF2NA1K PANJIT-PJF2NA1K Datasheet
540Kb / 8P
   900V N-Channel MOSFET
PJF2NA60 PANJIT-PJF2NA60 Datasheet
446Kb / 8P
   600V N-Channel MOSFET
PJF2NA60 PANJIT-PJF2NA60 Datasheet
457Kb / 8P
   600V N-Channel MOSFET
PJF2NA60_T0_00001 PANJIT-PJF2NA60_T0_00001 Datasheet
457Kb / 8P
   600V N-Channel MOSFET
More results

Similar Description - PJF2N70

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMJ70H600HCTI DIODES-DMJ70H600HCTI Datasheet
791Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 3 November 2022
DMJ7N70SK3 DIODES-DMJ7N70SK3_15 Datasheet
288Kb / 6P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
DMJ7N70SK3 DIODES-DMJ7N70SK3_17 Datasheet
417Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
DMJ70H601SK3 DIODES-DMJ70H601SK3 Datasheet
339Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
DMJ70H600HCT DIODES-DMJ70H600HCT Datasheet
756Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 3 November 2022
DMJ70H600HK3 DIODES-DMJ70H600HK3 Datasheet
612Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 4 - 3 November 2022
logo
HY ELECTRONIC CORP.
HY8N70T HY-HY8N70T Datasheet
150Kb / 4P
   700V / 8A N-Channel Enhancement Mode MOSFET
HY2N70T HY-HY2N70T Datasheet
152Kb / 4P
   700V / 2A N-Channel Enhancement Mode MOSFET
HY4N70D HY-HY4N70D Datasheet
153Kb / 4P
   700V / 4A N-Channel Enhancement Mode MOSFET
HY2N70D HY-HY2N70D Datasheet
155Kb / 4P
   700V / 2A N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com