Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJMBZ5V6 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJMBZ5V6
Description  DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJMBZ5V6 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJMBZ5V6_10 Datasheet HTML 1Page - Pan Jit International Inc. PJMBZ5V6_10 Datasheet HTML 2Page - Pan Jit International Inc. PJMBZ5V6_10 Datasheet HTML 3Page - Pan Jit International Inc. PJMBZ5V6_10 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
August 16.2010-REV.00
PJMBZ5V6 / PJMBZ6V2 / PJMBZ6V8
10x1000 sec Waveform
m
8x20 sec Surge Waveform
m
0
200
0
0
0
400
600
800
100
100
100
90
120
90
10
10
20
20
20
30
30
40
40
40
50
50
60
60
60
70
70
80
80
80
1000
time, sec
m
3
2.5
2
1.5
1
67
89
Vcl, Volts
tf@ 50%Ipp = 1000 sec
m
tr@ 90%Ipp = 10 sec
m
6v8
5v6
dc Bias Voltage, V
01
2
3
4
5
6v8
5v6
6v2
Vcl, Volts
8
7
6
4
5
3
57
69
811
10
13
14
12
15
6v8
5v6
6v2
6v2
05
20
10
25
15
30
35
time, sec
m
Pulse Duration, sec
m
1000
100
10
0.1
1
10
100
1000
Clamping Voltage vs Ipp 8x20 sec Surge
m
Non-Repetitive Peak Pulse Power vs Pulse Time
Clamping Voltage vs 10x1000 sec
m
Capacitance vs. Biasing Voltage @1MHz
tr@90%Ipp=8 sec
m
tf@ 50%Ipp = 20 sec
m


Similar Part No. - PJMBZ5V6_10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMBZ5V6-AU PANJIT-PJMBZ5V6-AU Datasheet
219Kb / 6P
   DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6-AU_A0_00001 PANJIT-PJMBZ5V6-AU_A0_00001 Datasheet
219Kb / 6P
   DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6-AU_A0_10001 PANJIT-PJMBZ5V6-AU_A0_10001 Datasheet
219Kb / 6P
   DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6-AU_A1_00001 PANJIT-PJMBZ5V6-AU_A1_00001 Datasheet
219Kb / 6P
   DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6-AU_A1_10001 PANJIT-PJMBZ5V6-AU_A1_10001 Datasheet
219Kb / 6P
   DUAL TVS FOR ESD / TRANSIENT PROTECTION
More results

Similar Description - PJMBZ5V6_10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMBZ15V PANJIT-PJMBZ15V Datasheet
95Kb / 3P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15V-AU PANJIT-PJMBZ15V-AU Datasheet
223Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15VD PANJIT-PJMBZ15VD Datasheet
42Kb / 2P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6 Datasheet
102Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6-AU PANJIT-PJMBZ5V6-AU Datasheet
219Kb / 6P
   DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT05 PANJIT-PJSOT05_05 Datasheet
109Kb / 3P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT PANJIT-PJSOT Datasheet
57Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Unisonic Technologies
SOT05C UTC-SOT05C Datasheet
80Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Vishay Siliconix
MMBZ6V8DC VISHAY-MMBZ6V8DC Datasheet
37Kb / 2P
   Dual Zener Transient Voltage Suppressor Diodes for ESD Protection
21-May-02
logo
Pan Jit International I...
PJSM6V8TB PANJIT-PJSM6V8TB Datasheet
292Kb / 4P
   BI-DIRECTIONAL TVS/ZENER FOR ESD PROTECTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com